Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8227BRZ-R71 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8227BRZ-R71
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8227BRZ-R71 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8227BRZ-R71 Datasheet HTML 10Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 11Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 12Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 13Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 14Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 15Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 16Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 17Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
AD8227
Rev. 0 | Page 13
160
140
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
100k
of
24
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 5
35
30
25
20
15
10
150
125
100
75
50
25
0
5
–45 –30 –15
0
15
30
45
60
75
90
105 120 135
TEMPERATURE (°C)
VS = ±15V
VREF = 0V
–IN BIAS CURRENT
+IN BIAS CURRENT
OFFSET CURRENT
Figure 27. CMRR vs. Frequency, RTI
160
140
120
100
80
60
40
Figure 30. Input Bias Current and Offset Current vs. Temperature
20
0
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 5
Figure 28. CMRR vs. Frequency, RTI, 1 kΩ Source Imbalance
0.3
0.2
0.1
0
–0.1
–0.2
300
200
100
0
–100
–200
–300
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 31. Gain Error vs. Temperature, G = 5
10
8
6
4
2
0
–2
–4
–6
–8
–10
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 32. CMRR vs. Temperature, G = 5
–0.3
0
10
20
30
40
50
60
70
80
90 100 110 120
WARM-UP TIME (s)
Figure 29. Change in Input Offset Voltage vs. Warm-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com