Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8227BRZ-R71 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8227BRZ-R71
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8227BRZ-R71 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8227BRZ-R71 Datasheet HTML 9Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 10Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 11Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 12Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 13Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 14Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 15Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 16Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD8227
Rev. 0 | Page 12 of 2
4
33
31
29
27
25
23
21
19
140
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
17
15
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
COMMON-MODE VOLTAGE (V)
–0.14V
+4.23V
Figure 21. Input Bias Current vs. Common-Mode Voltage, Vs = 5 V
40
35
30
25
20
15
10
5
0
–16
–12
–8
–4
0
4
8
12
16
COMMON-MODE VOLTAGE (V)
–15.01V
+14.03V
Figure 22. Input Bias Current vs. Common-Mode Voltage, Vs = ±15 V
160
140
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 5
Figure 23. Positive PSRR vs. Frequency, RTI
G = 5
G = 1000
G = 100
G = 10
Figure 24. Negative PSRR vs. Frequency
70
60
50
40
30
20
10
0
–10
–20
–30
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 5
Figure 25. Gain vs. Frequency, VS = ±15 V
70
60
50
40
30
20
10
0
–10
–20
–30
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 5
Figure 26. Gain vs. Frequency, VS = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com