Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8421ARZ-R7
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8421ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
AD8421
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VS = ±15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 2 kΩ, unless otherwise noted.
AR AND BR GRADES
Table 1.
AR Grade
BR Grade
Parameter
Test Conditions/
Comments
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION
RATIO (CMRR)
CMRR DC to 60 Hz with 1 kΩ
Source Imbalance
VCM = −10 V to +10 V
G = 1
86
94
dB
G = 10
106
114
dB
G = 100
126
134
dB
G = 1000
136
140
dB
Over Temperature, G = 1
T = −40°C to +85°C
80
93
dB
CMRR at 20 kHz
VCM = −10 V to +10 V
G = 1
80
80
dB
G = 10
90
100
dB
G = 100
100
110
dB
G = 1000
110
120
dB
NOISE
Voltage Noise, 1 kHz1
VIN+, VIN− = 0 V
Input Voltage Noise, eni
3
3.2
3
3.2
nV/√Hz
Output Voltage Noise, eno
60
60
nV/√Hz
Peak to Peak, RTI
f = 0.1 Hz to 10 Hz
G = 1
2
2
2.2
μV p-p
G = 10
0.5
0.5
μV p-p
G = 100 to 1000
0.07
0.07
0.09
μV p-p
Current Noise
Spectral Density
f = 1 kHz
200
200
fA/√Hz
Peak to Peak, RTI
f = 0.1 Hz to 10 Hz
18
18
pA p-p
VOLTAGE OFFSET2
Input Offset Voltage, VOSI
VS = ±5 V to ±15 V
60
25
μV
Over Temperature
TA = −40°C to +85°C
86
45
μV
Average TC
0.4
0.2
μV/°C
Output Offset Voltage, VOSO
350
250
μV
Over Temperature
TA = −40°C to +85°C
0.66
0.45
mV
Average TC
6
5
μV/°C
Offset RTI vs. Supply (PSR)
VS = ±2.5 V to ±18 V
G = 1
90
120
100
120
dB
G = 10
110
120
120
140
dB
G = 100
124
130
140
150
dB
G = 1000
130
140
140
150
dB
INPUT CURRENT
Input Bias Current
1
2
0.1
0.5
nA
Over Temperature
TA = −40°C to +85°C
8
6
nA
Average TC
50
50
pA/°C
Input Offset Current
0.5
2
0.1
0.5
nA
Over Temperature
TA = −40°C to +85°C
2.2
0.8
nA
Average TC
1
1
pA/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com