Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8421ARZ-R7
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8421ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
3 nV/√Hz, Low Power
Instrumentation Amplifier
Data Sheet
AD8421
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Low power
2.3 mA maximum supply current
Low noise
3.2 nV/√Hz maximum input voltage noise at 1 kHz
200 fA/√Hz current noise at 1 kHz
Excellent ac specifications
10 MHz bandwidth (G = 1)
2 MHz bandwidth (G = 100)
0.6 μs settling time to 0.001% (G = 10)
80 dB CMRR at 20 kHz (G = 1)
35 V/μs slew rate
High precision dc performance (AD8421BRZ)
94 dB CMRR minimum (G = 1)
0.2 μV/°C maximum input offset voltage drift
1 ppm/°C maximum gain drift (G = 1)
500 pA maximum input bias current
Inputs protected to 40 V from opposite supply
±2.5 V to ±18 V dual supply (5 V to 36 V single supply)
Gain set with a single resistor (G = 1 to 10,000)
APPLICATIONS
Medical instrumentation
Precision data acquisition
Microphone preamplification
Vibration analysis
Multiplexed input applications
ADC driver
PIN CONNECTION DIAGRAM
TOP VIEW
(Not to Scale)
–IN
1
RG 2
RG 3
+IN
4
+VS
8
VOUT
7
REF
6
–VS
5
AD8421
Figure 1.
10µ
1n
100
1M
SOURCE RESISTANCE, RS (Ω)
100n
10n
1k
10k
100k
G = 100
AD8421
BEST AVAILABLE
1mA LOW POWER IN-AMP
BEST AVAILABLE
7mA LOW NOISE IN-AMP
RS NOISE ONLY
Figure 2. Noise Density vs. Source Resistance
GENERAL DESCRIPTION
The AD8421 is a low cost, low power, extremely low noise, ultralow
bias current, high speed instrumentation amplifier that is ideally
suited for a broad spectrum of signal conditioning and data
acquisition applications. This product features extremely high
CMRR, allowing it to extract low level signals in the presence of
high frequency common-mode noise over a wide temperature
range.
The 10 MHz bandwidth, 35 V/μs slew rate, and 0.6 μs settling
time to 0.001% (G = 10) allow the AD8421 to amplify high speed
signals and excel in applications that require high channel count,
multiplexed systems. Even at higher gains, the current feedback
architecture maintains high performance; for example, at G = 100,
the bandwidth is 2 MHz and the settling time is 0.8 μs. The
AD8421 has excellent distortion performance, making it suitable
for use in demanding applications such as vibration analysis.
The AD8421 delivers 3 nV/√Hz input voltage noise and
200 fA/√Hz current noise with only 2 mA quiescent current,
making it an ideal choice for measuring low level signals. For
applications with high source impedance, the AD8421 employs
innovative process technology and design techniques to provide
noise performance that is limited only by the sensor.
The AD8421 uses unique protection methods to ensure robust
inputs while still maintaining very low noise. This protection
allows input voltages up to 40 V from the opposite supply rail
without damage to the part.
A single resistor sets the gain from 1 to 10,000. The reference
pin can be used to apply a precise offset to the output voltage.
The AD8421 is specified from −40°C to +85°C and has typical
performance curves to 125°C. It is available in 8-lead MSOP
and SOIC packages.


Similar Part No. - AD8421ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8421ARZ-R7 AD-AD8421ARZ-R7 Datasheet
672Kb / 28P
3 nV/?숰z, Low Power
REV. 0
More results

Similar Description - AD8421ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8421 AD-AD8421 Datasheet
672Kb / 28P
3 nV/?숰z, Low Power
REV. 0
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
REV. B
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
1 nV/?숰z Low Noise Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
INA821 TI1-INA821 Datasheet
1Mb / 36P
35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
1Mb / 43P
35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_19 Datasheet
1Mb / 44P
35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA849 TI-INA849_V01 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V02 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com