Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421ARZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8421ARZ-R7
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421ARZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8421ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
AD8421
Rev. 0 | Page 11 of 28
15
10
5
0
–15
–10
–5
–15
15
10
5
–5
–10
0
OUTPUT VOLTAGE (V)
VS = ±15V
VS = ±12V
G = 1
Figure 10. Input Common-Mode Voltage vs. Output Voltage;
VS = ±12 V and ±15 V (G = 1)
4
3
2
0
1
–3
–2
–1
–4
4
3
2
1
–3
–2
–1
0
OUTPUT VOLTAGE (V)
VS = ±5V
VS = ±2.5V
G = 1
Figure 11. Input Common-Mode Voltage vs. Output Voltage;
VS = ±2.5 V and ±5 V (G = 1)
15
10
5
0
–15
–10
–5
–15
15
10
5
–5
–10
0
OUTPUT VOLTAGE (V)
VS = ±15V
VS = ±12V
G = 100
Figure 12. Input Common-Mode Voltage vs. Output Voltage;
VS = ±12 V and ±15 V (G = 100)
4
3
2
0
1
–3
–2
–1
–4
4
3
2
1
–3
–2
–1
0
OUTPUT VOLTAGE (V)
VS = ±5V
VS = ±2.5V
G = 100
Figure 13. Input Common-Mode Voltage vs. Output Voltage;
VS = ±2.5 V and ±5 V (G = 100)
40
–40
–35
40
INPUT VOLTAGE (V)
–30
–20
–10
0
10
20
30
–30 –25 –20 –15 –10 –5
0
5
101520253035
VS = 5V
G = 1
Figure 14. Input Overvoltage Performance; G = 1, +VS = 5 V, −VS = 0 V
30
–30
–25
25
INPUT VOLTAGE (V)
–20
–10
0
10
20
–20
–15
–10
–5
0
5
10
15
20
VS = ±15V
G = 1
Figure 15. Input Overvoltage Performance; G = 1, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com