Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421ARZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8421ARZ-R7
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421ARZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8421ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
AD8421
Rev. 0 | Page 17 of 28
1µs/DIV
5V/DIV
0.002%/DIV
720ns TO 0.01%
1.12µs TO 0.001%
Figure 46. Large Signal Pulse Response and Settling Time (G = 1),
10 V Step, VS = ±15 V, RL = 2 kΩ, CL = 100 pF
1µs/DIV
5V/DIV
0.002%/DIV
420ns TO 0.01%
604ns TO 0.001%
Figure 47. Large Signal Pulse Response and Settling Time (G = 10),
10 V Step, VS = ±15 V, RL = 2 kΩ, CL = 100 pF
1µs/DIV
5V/DIV
0.002%/DIV
704ns TO 0.01%
764ns TO 0.001%
Figure 48. Large Signal Pulse Response and Settling Time (G = 100),
10 V Step, VS = ±15 V, RL = 2 kΩ, CL = 100 pF
4µs/DIV
5V/DIV
0.002%/DIV
3.8µs TO 0.01%
5.76µs TO 0.001%
Figure 49. Large Signal Pulse Response and Settling Time (G = 1000),
10 V Step, VS = ±15 V, RL = 2 kΩ, CL = 100 pF
2500
0
22
STEP SIZE (V)
500
1000
1500
2000
4
6
8
10
12
14
16
18
0
SETTLED TO 0.01%
SETTLED TO 0.001%
GAIN = 1
Figure 50. Settling Time vs. Step Size (G = 1), RL = 2 kΩ, CL = 100 pF
50mV/DIV
GAIN = 1
1µs/DIV
Figure 51. Small Signal Pulse Response (G = 1), RL = 600 Ω, CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com