Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421ARZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8421ARZ-R7
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421ARZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8421ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD8421
Data Sheet
Rev. 0 | Page 18 of 28
50mV/DIV
GAIN = 10
1µs/DIV
Figure 52. Small Signal Pulse Response (G = 10), RL = 600 Ω, CL = 100 pF
20mV/DIV
GAIN = 100
1µs/DIV
Figure 53. Small Signal Pulse Response (G = 100), RL = 600 Ω, CL = 100 pF
20mV/DIV
GAIN = 1000
2µs/DIV
Figure 54. Small Signal Pulse Response (G = 1000), RL = 600 Ω, CL = 100 pF
G = 1
NO LOAD
20pF 50pF
100pF
50mV/DIV
1µs/DIV
Figure 55. Small Signal Response with Various Capacitive Loads (G = 1),
RL = Infinity
–40
–150
10
10k
1k
100
FREQUENCY (Hz)
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
RL ≥ 600Ω
VOUT = 10V p-p
Figure 56. Second Harmonic Distortion vs. Frequency (G = 1)
–40
–150
10
10k
1k
100
FREQUENCY (Hz)
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
NO LOAD
RL = 2kΩ
RL = 600Ω
VOUT = 10V p-p
Figure 57. Third Harmonic Distortion vs. Frequency (G = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com