Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4922-1ACPZ-R2
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4922-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Data Sheet
ADA4922-1
Rev. A | Page 3 of 19
SPECIFICATIONS
VS = ±12 V, TA = 25°C, RL = 1 kΩ, DIS = high, CL = 3 pF, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +2, VO = 0.2 V p-p, differential
34
38
MHz
G = +2, VO = 40 V p-p, differential
6.5
7.2
MHz
Overdrive Recovery Time
VS+ + 0.5 V to VS− − 0.5 V; +recovery/−recovery
180/330
ns
Slew Rate
VO, dm = 2 V step
260
V/µs
VO, dm = 40 V step
730
V/µs
Settling Time to 0.01%
VO, dm = 40 V step
580
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion
fC = 5 kHz, VO = 40 V p-p, RL = 2 kΩ, HD2/HD3
−116/−109
dBc
fC = 100 kHz, VO = 40 V p-p, RL = 2 kΩ, HD2/HD3
−99/−100
dBc
Differential Output Voltage Noise
f = 100 kHz
12
nV/√Hz
Input Current Noise
f = 100 kHz
1.4
pA/√Hz
DC PERFORMANCE
Differential Output Offset Voltage
0.35
1.1
mV
Differential Output Offset Voltage Drift
14
µV/°C
Input Bias Current
1.8
3.5
µA
Gain
2
V/V
Gain Error
−0.05
%
Gain Error Drift
0.0002
%/°C
INPUT CHARACTERISTICS
Input Resistance
11
MΩ
Input Capacitance
1
pF
Input Voltage Range
±10.7
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
Each single-ended output, RL = 1 kΩ
±10.65
±10.7
V
DC Output Current
40
mA
Capacitive Load Drive
30% overshoot
20
pF
POWER SUPPLY
Operating Range
5
26
V
Quiescent Current
9.4
10.1
mA
Quiescent Current (Disabled)
1.5
2.0
mA
Power Supply Rejection Ratio (PSRR)
−PSRR
−89
−80
dB
+PSRR
−91
−83
dB
DISABLE
DIS Input Voltage Threshold
Disabled
≤ −11
V
Enabled
≥ −9
V
Turn-Off Time
160
µs
Turn-On Time
78
ns
DIS Bias Current
Enabled
DIS = −9 V
114
µA
Disabled
DIS = −11 V
−125
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com