Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4922-1ACPZ-R2
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4922-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADA4922-1
Data Sheet
Rev. A | Page 12 of 19
12.0
6.0
TEMPERATURE (
C)
–40
–20
80
60
20
040
11.5
11.0
8.0
8.5
9.0
10.0
10.5
7.5
6.5
7.0
9.5
VS = 12V
VS = 5V
Figure 34. Power Supply Current vs. Temperature
3.0
1.0
TEMPERATURE (
C)
–40
–20
80
60
20
040
2.0
2.5
1.5
INPUT BIAS CURRENT, VS = 5V
REFERENCE BIAS CURRENT, VS = 5V
INPUT BIAS CURRENT, VS = 12V
REFERENCE BIAS CURRENT, VS = 12V
Figure 35. Input Bias Current vs. Temperature
VO, dm = 2V p-p
VDIS = –8.5V
VDIS = –10.5V
DIS INPUT
VO, dm
40
s/DIV
Figure 36. Disable Turn-On Time
10
0
DIS INPUT VOLTAGE WITH RESPECT TO VS– (V)
0
0.5
4.0
3.5
3.0
2.0
1.0
1.5
2.5
8
9
7
6
5
4
3
2
1
ISUPPLY = 5V
ISUPPLY = 12V
Figure 37. Power Supply Current vs. Disable Input Voltage
5
–5
INPUT VOLTAGE WITH RESPECT TO VS– (V)
04
224
22
16
14
12
10
18
8
620
0
1
2
3
4
–4
–3
–2
–1
IB = 5V
IB = 12V
Figure 38. Input Bias Current vs. Input Voltage
VO, dm = 2V p-p
VDIS = –10.5V
DIS INPUT
VO, dm
VDIS = –8.5V
40
s/DIV
Figure 39. Disable Turn-Off Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com