Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4922-1ACPZ-R2
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4922-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Data Sheet
ADA4922-1
Rev. A | Page 15 of 19
A more detailed view of the amplifier is shown in Figure 45.
Each amplifier is a 2-stage design that uses an input H-Bridge
followed by a rail-to-rail output stage (see Figure 46).
RIN
MIRROR
C
OUTPUT
STAGE
MIRROR
INN
OUT
INP
I
I
I
I
Figure 45. Internal Amplifier Architecture
ROUT
MIRROR
MIRROR
INTERNAL
REF
OUT
IN
I
I
I
I
Figure 46. Output Stage Architecture
Figure 47 illustrates the open-loop gain and phase relationships
of each amplifier in the ADA4922-1.
125
–125
–100
–75
–50
–25
100
1k
10k
100M
FREQUENCY (Hz)
75
100
50
25
0
1M
100k
10M
GAIN
PHASE
Figure 47. Amplifier Gain/Phase Relationship
The architecture used in the ADA4922-1 results in excellent
SNR and distortion performance when compared to other
differential amplifiers.
One of the more subtle points of operation arises when the two
amplifiers are used to generate the differential outputs. Because
the differential outputs are derived from a follower amplifier
and an inverting amplifier, they have different noise gains and,
therefore, different closed-loop bandwidths. For frequencies up
to 1 MHz, the bandwidth difference between outputs causes
little difference in the overall differential output performance.
However, because the bandwidth is the sum of both amplifiers,
the 3 dB point of the inverting amplifier defines the overall
differential 3 dB corner (see Figure 48).
0
1
10k
100M
FREQUENCY (Hz)
–2
–4
–6
7
5
3
1M
100k
10M
DIFFERENTIAL OUTPUT
OUT+
OUT–
Figure 48. Closed-Loop AC Gain (Differential Outputs)
Small delay and gain errors exist between the two outputs
because the inverting output is derived from the noninverting
output through an inverting amplifier. The gain error is due to
imperfect matching of the inverting amplifier gain and feedback
resistors, as well as differences in the transfer functions of the
two amplifiers, as illustrated in Figure 48. The delay error is due
to the delay through the inverting amplifier relative to the
noninverting amplifier output. The delay produces a reduction
in differential gain because the two outputs are not exactly 180°
out of phase. Both of these errors combine to produce an overall
gain error because the outputs are completely balanced. This
error is very small at the frequencies involved in most
ADA4922-1 applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com