Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4922-1ACPZ-R2
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4922-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4922-1
Data Sheet
Rev. A | Page 8 of 19
3
–30
1
1000
FREQUENCY (MHz)
10
100
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
VO, dm = 0.2V p-p
VS = 5V, CL, dm = 10pF
VS = 5V, CL, dm = 20pF
VS = 12V, CL, dm = 0pF
VS = 12V, CL, dm = 20pF
Figure 11. Small Signal Frequency Response for Various Capacitive Loads
3
–33
1
1000
FREQUENCY (MHz)
10
100
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
–30
10V p-p
12V p-p
16V p-p
0.2V p-p
2V p-p
Figure 12. Frequency Response for Various Output Amplitudes, VS = ±5 V
–50
–120
1000
FREQUENCY (MHz)
1
10
100
–60
–70
–80
–90
–100
–110
VIN = 0.1V p-p
DIS = LOW
VS = 12V
VS 5V
Figure 13. Isolation vs. Frequency—Disabled
3
–30
1
100
FREQUENCY (MHz)
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
10
VS = 5V, VIN = 12V p-p, CL, dm = 0pF
VS = 12V, VIN = 40V p-p, CL, dm = 0pF
VS = 5V, VIN = 12V p-p, CL, dm = 20pF
VS = 12V, VIN = 40V p-p, CL, dm = 20pF
Figure 14. Large Signal Frequency Response for Various Capacitive Loads
3
–33
1
1000
FREQUENCY (MHz)
10
100
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
–30
0.2V p-p
2V p-p
40V p-p
20V p-p
10V p-p
Figure 15. Frequency Response for Various Output Amplitudes, VS = ±12 V
3
–30
1
1000
FREQUENCY (MHz)
10
100
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
VREF = 0.1V p-p
VS = 5V
VS = 12V
Figure 16. REF Small Signal Frequency Response for Various Power Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com