Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4922-1ACPZ-R2
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4922-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Voltage, Differential
18-Bit ADC Driver
Data Sheet
ADA4922-1
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single-ended-to-differential conversion
Low distortion (VO, dm = 40 V p-p)
−99 dBc HD at 100 kHz
Low differential output referred noise: 12 nV/√Hz
High input impedance: 11 MΩ
Fixed gain of 2
No external gain components required
Low output-referred offset voltage: 1.1 mV maximum
Low input bias current: 3.5 μA maximum
Wide supply range
5 V to 26 V
Can produce differential output signals in excess of 40 V p-p
High speed
38 MHz, −3 dB bandwidth at 0.2 V p-p differential output
Fast settling time
200 ns to 0.01% for 12 V step on ±5 V supplies
Disable feature
Available in space-saving, thermally enhanced packages
8-lead, 3 mm × 3 mm LFCSP
8-lead SOIC
Low supply current: IS = 10 mA on ±12 V supplies
APPLICATIONS
High voltage data acquisition systems
Industrial instrumentation
Spectrum analysis
ATE
Medical instruments
GENERAL DESCRIPTION
The ADA4922-1 is a differential driver for 16-bit to 18-bit
analog-to-digital converters (ADCs) that have differential input
ranges up to ±20 V. Configured as an easy-to-use, single-ended-
to-differential amplifier, the ADA4922-1 requires no external
components to drive ADCs. The ADA4922-1 provides essential
benefits such as low distortion and high SNR that are required
for driving ADCs with resolutions up to 18 bits.
With a wide supply voltage range (5 V to 26 V), high input
impedance, and fixed differential gain of 2, the ADA4922-1 is
designed to drive ADCs found to in a variety of applications,
including industrial instrumentation.
FUNCTIONAL BLOCK DIAGRAM
NIC
REF
VS+
OUT+
DIS
IN
VS–
OUT–
NOTES
1. EXPOSED PAD MUST BE CONNECTED TO GND.
2. NIC = NO INTERAL CONNECTION.
3
4
1
2
6
5
8
7
ADA4922-1
TOP VIEW
Figure 1.
The ADA4922-1 is manufactured on Analog Devices, Inc.,
proprietary, second-generation XFCB process that enables the
amplifier to achieve excellent noise and distortion performance
on high supply voltages.
The ADA4922-1 is available in an 8-lead 3 mm × 3 mm LFCSP
as well as an 8-lead SOIC package. Both packages are equipped
with an exposed paddle for more efficient heat transfer. The
ADA4922-1 is rated to work over the extended industrial
temperature range, −40°C to +85°C.
–84
–120
FREQUENCY (kHz)
1
10
100
–87
–90
–93
–102
–99
–96
–105
–108
–111
–114
–117
SECOND HARMONIC
THIRD HARMONIC
RL = 2k
VS = 12V, VO, dm = 40V p-p
VS = 5V, VO, dm = 12V p-p
Figure 2. Harmonic Distortion for Various Power Supplies


Similar Part No. - ADA4922-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4922-1ACPZ-R2 AD-ADA4922-1ACPZ-R2 Datasheet
425Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
10/05-Revision 0
ADA4922-1ACPZ-R2 AD-ADA4922-1ACPZ-R2 Datasheet
439Kb / 19P
High Voltage, Differential 18-Bit ADC Driver
Rev. A
More results

Similar Description - ADA4922-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4922-1 AD-ADA4922-1 Datasheet
425Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
10/05-Revision 0
AD7634BSTZ AD-AD7634BSTZ Datasheet
601Kb / 32P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. B
ADA4941-1YRZ AD-ADA4941-1YRZ Datasheet
500Kb / 24P
Single-Supply, Differential 18-Bit ADC Driver
REV. C
AD7960 AD-AD7960 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
ADA4922-1 AD-ADA4922-1_15 Datasheet
425Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
REV. 0
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
Single-Supply, Differential 18-Bit ADC Driver
REV. C
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
ADA4941-1 AD-ADA4941-1_16 Datasheet
844Kb / 24P
Single-Supply, Differential, 18-Bit ADC Driver
Rev. D
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
Differential Amplifier/ADC Driver
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com