Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-2YCPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4930-2YCPZ-R2
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-2YCPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4930-2YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
ADA4930-1/ADA4930-2
Rev. B | Page 5 of 25
5 V OPERATION
VS = 5 V, VICM = 0.9 V, VOCM = 0.9 V, RF = 301 Ω, RG = 301 Ω, RL, dm = 1 kΩ, single-ended input, differential output, TA= 25°C,
TMIN to TMAX = −40°C to +105°C, unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VO, dm = 0.1 V p-p
1350
MHz
−3 dB Large Signal Bandwidth
VO, dm = 2 V p-p
937
MHz
Bandwidth for 0.1 dB Flatness
VO, dm = 0.1 V p-p
ADA4930-1
369
MHz
ADA4930-2
90
MHz
Slew Rate
VO, dm = 2 V step, 25% to 75%
3400
V/μs
Settling Time to 0.1%
VO, dm = 2 V step, RL = 200 Ω
6
ns
Overdrive Recovery Time
G = 3, VIN, dm = 0.7 V p-p pulse
1.5
ns
NOISE/HARMONIC PERFORMANCE
HD2/HD3
VO, dm = 2 V p-p, fC = 10 MHz
−104/−101
dB
VO, dm = 2 V p-p, fC = 30 MHz
−91/−93
dB
VO, dm = 2 V p-p, fC = 70 MHz
−79/−82
dB
VO, dm = 2 V p-p, fC = 100 MHz
−73/−75
dB
Third-Order IMD
VO, dm = 1 V p-p/tone, fC = 70.05 MHz ± 0.05 MHz
94
dBc
VO, dm = 1 V p-p/tone, fC = 140.05 MHz ± 0.05 MHz
90
dBc
Input Voltage Noise
f = 100 kHz
1.2
nV/√Hz
Input Current Noise
f = 100 kHz
2.8
pA/√Hz
Crosstalk
f = 100 MHz, ADA4930-2, RL = 200 Ω
−90
dB
DC PERFORMANCE
Input Offset Voltage
VIP = VIN = VOCM = 0 V, RL = open circuit
−3.1
−0.15
+3.1
mV
Input Offset Voltage Drift
TMIN to TMAX
1.8
μV/°C
Input Bias Current
−34
−23
−15
μA
Input Bias Current Drift
TMIN to TMAX
−0.05
μA/
C
Input Offset Current
−0.82
+0.1
+0.82
μA
Open-Loop Gain
RF = RG = 10 kΩ, ΔVO = 1 V, RL = open circuit
64
dB
INPUT CHARACTERISTICS
Input Common-Mode Voltage Range
0.3
2.8
V
Input Resistance
Differential
150
kΩ
Common mode
3
MΩ
Input Capacitance
Common mode
1
pF
CMRR
ΔVICM = 1 V dc; RF = RG = 10 kΩ, RL = open circuit
−82
−77
dB
OUTPUT CHARACTERISTICS
Output Voltage
Each single-ended output; RF = RG = 10 kΩ
0.18
3.38
V
Linear Output Current
Each single-ended output; f = 1 MHz, TDH ≤ 60 dBc
30
mA
Output Balance Error
f = 1 MHz
55
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com