Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-2YCPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4930-2YCPZ-R2
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-2YCPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4930-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
ADA4930-1/ADA4930-2
Rev. B | Page 21 of 25
Terminating a Single-Ended Input in a Single-Supply
Applications
When the application circuit of Figure 50 is powered by a single
supply, the common-mode voltage at the amplifier inputs, VP
and VN, may have to be raised to comply with the specified input
common-mode range. Two methods are available: a dc bias on
the source, as shown in Figure 51, or by connecting resistors
RCM between each input and the supply, as shown on Figure 54.
Input Common-Mode Adjustment with DC Biased Source
To drive a 1.8 V ADC with VCM = 1 V, a 3.3 V single supply
minimizes the power dissipation of the ADA4930-1/ADA4930-2.
The application circuit of Figure 50 on a 3.3 V single supply with a
dc bias added to the source is shown in Figure 51.
ADA4930
RL VOUT, dm
1.990V p-p
3.3V
RS
50Ω
RG1
142Ω
VP
VN
RG2
142Ω
RF2
301Ω
RF1
301Ω
VOCM
VS
2V p-p
VDC
RT
64.2Ω
64.2Ω
50Ω
Figure 51. Single-Supply, Terminated Single-Ended-to-Differential System
with G = 1
To determine the minimum required dc bias, the following steps
must be taken:
1.
Convert the terminated inputs to their Thevenin equivalents,
as shown in the Figure 52 circuit.
ADA4930
RL VOUT, dm
1.99V p-p
3.3V
VON
VOP
RTH
28.11Ω
RG1
142Ω
VP
VN
RG2
142Ω
RF2
301Ω
RF1
301Ω
VOCM
VTH
1.124V p-p
VDC-TH
RTH
28.11Ω
Figure 52. Thevenin Equivalent of Single-Supply Application Circuit
2.
Write a nodal equation for VP or VN.

TH
DC
TH
ON
TH
DC
TH
P
V
V
V
V
V
V
28.11
142
301
301
OP
TH
DC
N
V
V
V
28.11
142
301
301
Recognize that while the ADA4930-1/ADA4930-2 is in its
linear operating region, VP and VN are equal. Therefore,
both equations in Step 2 give equal results.
3.
To comply with the minimum specified input common-mode
voltage of 0.3 V at VS = 3.3 V, set the minimum value of VP
and VN to 0.3 V.
4.
Recognize that VP and VN are at their minimum values when
VOP and VS are at their minimum (and therefore VON is at its
maximum).
Let
VP min = VN min = 0.3 V, VOCM = VCM = 1 V, VTH min = −VTH/2
VONmax = VOCM + VOUT,dm/4 and VOPmin = VOCM − VOUT,dm/4
Substitute conditions into the nodal equation for VP and solve
for VDC-TH.
0.3 = −1.124/2 + VDC-TH + 0.361 × (1 + 1.99/4 = 1.124/2 – VDC-TH)
0.3 + 0.562 − 0.361 − 0.18 − 0.203 = 0.639 VDC-TH
VDC-TH = 0.186 V
Or
Substitute conditions into the nodal equation for VN and
solve for VDC-TH.
0.3 = VDC-TH + 0.361 × (1 − 1.99/4 − VDC-TH)
0.3 – 0.361 + 0.18 = 0.639 × VDC-TH
VDC-TH = 0.186 V
5.
Converting VDC-TH from its Thevenin equivalent results in
V
0.33
0.186 
TH
TH
S
DC
R
R
R
V
The final application circuit is shown in Figure 53. The
additional dc bias of 0.33 V at the inputs ensures that the
minimum input common-mode requirements are met when
the source signal is bipolar with a 2 V p-p amplitude and
VOCM is at 1 V.
3.3V
ADA4930
RL VOUT, dm
1.990V p-p
RS
50Ω
RG1
142Ω
RG2
142Ω
RF2
301Ω
RF1
301Ω
VOCM
VS
2V p-p
RT
64.2Ω
64.2Ω
VP
VN
50Ω
VDC
0.33V
Figure 53. Single-Supply Application Circuit with DC Source Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com