Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-2YCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4930-2YCPZ-R2
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-2YCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4930-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ADA4930-1/ADA4930-2
Data Sheet
Rev. B | Page 10 of 25
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
1M
10M
100M
1G
10G
FREQUENCY (Hz)
VIN = 100mV p-p
RL = 1kΩ
RL = 200Ω
Figure 13. Small Signal Frequency Response for RL = 200 Ω and RL = 1 kΩ
–6
–5
–4
–3
–2
–1
0
1
2
3
1M
10M
100M
1G
FREQUENCY (Hz)
VIN = 100mV
Figure 14. VOCM Small Signal Frequency Response
–120
–110
–100
–90
–80
–70
–60
–50
–40
1M
10M
100M
200M
FREQUENCY (Hz)
HD2, GAIN = 1
HD3, GAIN = 1
HD2, GAIN = 2
HD3, GAIN = 2
HD2, GAIN = 5
HD3, GAIN = 5
Figure 15. Harmonic Distortion vs. Frequency
for Gain = 1, Gain = 2, and Gain = 5
–27
–24
–21
–18
–15
–12
–9
–6
–3
3
0
6
1M
10M
100M
1G
10G
FREQUENCY (Hz)
VIN = 2V p-p
RL = 1kΩ
RL = 200Ω
Figure 16. Large Signal Frequency Response
for RL = 200 Ω and RL = 1 kΩ
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
1M
10M
100M
1G
FREQUENCY (Hz)
ADA4930-2, 200Ω, OUT 1
ADA4930-2, 200Ω, OUT 2
ADA4930-1, 200Ω
ADA4930-1, 1kΩ
ADA4930-2, 1kΩ, OUT 1
ADA4930-2, 1kΩ, OUT 2
Figure 17. Small Signal 0.1 dB Flatness vs. Frequency for
RL = 200 Ω and RL = 1 kΩ
–110
–100
–90
–80
–70
–60
–50
1M
10M
100M
200M
FREQUENCY (Hz)
HD2, RL = 200Ω
HD3, RL = 200Ω
HD2, RL = 1kΩ
HD3, RL = 1kΩ
Figure 18. Harmonic Distortion vs. Frequency
for RL = 200 Ω and RL = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com