Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-2YCPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4930-2YCPZ-R2
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-2YCPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4930-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
ADA4930-1/ADA4930-2
Data Sheet
Rev. B | Page 24 of 25
HIGH PERFORMANCE ADC DRIVING
The ADA4930-1/ADA4930-2 provide excellent performance in
3.3 V single-supply applications.
The circuit shown in Figure 59 is an example of the ADA4930-1
driving an AD9255, 14-bit, 80 MSPS ADC that is specified to
operate with a single 1.8 V supply. The performance of the ADC
is optimized when it is driven differentially, making the best use of
the signal swing available within the 1.8 V supply. The ADA4930-1
performs the single-ended-to-differential conversion, common-
mode level shifting, and buffering of the driving signal.
The ADA4930-1 is configured for a single-ended input to
differential output with a gain of 2 V/V. The 84.5 Ω termination
resistor, in parallel with the single-ended input impedance of
95.1 Ω, provides a 50 Ω termination for the source. The additional
31.6 Ω (95 Ω total) at the inverting input balances the parallel
impedance of the 50 Ω source and the termination resistor that
drives the noninverting input.
The VOCM pin is connected to the VCM output of the AD9255
and sets the output common mode of the ADA4930-1 at 1 V.
Note that a dc bias must be added to the signal source and its
Thevenin equivalent to the gain resistor on the inverting side
to ensure that the inputs of the ADA4930-1 are kept at or above
the specified minimum input common-mode voltage at all times.
The 0.5 V dc bias at the signal source and the 0.314 V dc bias on
the gain resistor at the inverting input set the inputs of the
ADA4930-1 to ~0.48 V dc. With 1 V p-p maximum signal swing
at the input, the ADA4930-1 inputs swing between 0.36 V and
0.6 V.
For a common-mode voltage of 1 V, each ADA4930-1 output
swings between 0.501 V and 1.498 V, providing a 1.994 V p-p
differential output.
A third-order, 40 MHz, low-pass filter between the ADA4930-1
and the AD9255 reduces the noise bandwidth of the amplifier
and isolates the driver outputs from the ADC inputs.
The circuit shown in Figure 60 is an example of ½ of an
ADA4930-2 driving ½ of an AD9640, a 14-bit, 80 MSPS
ADC that is specified to operate with a single 1.8 V supply.
The performance of the ADC is optimized when it is driven
differentially, making the best use of the signal swing available
within the 1.8 V supply. The ADA4930-2 performs the single-
ended-to-differential conversion, common-mode level shifting,
and buffering of the driving signal.
The ADA4930-2 is configured for a single-ended input to
differential output with a gain of 2 V/V. The 88.5 Ω termination
resistor, in parallel with the single-ended input impedance of
114.75 Ω, provides a 50 Ω termination for the source. The
increased gain resistance at the inverting input balances the 50 Ω
source resistance and the termination resistor that drives the
noninverting input.
The VOCM pin is connected to the CML output of the AD9640 and
sets the output common mode of the ADA4930-2 at 1 V.
The 739 Ω resistors between each input and the 3.3 V supply
provide the necessary dc bias to guarantee compliance with the
input common-mode range of the ADA4930-2.
For a common-mode voltage of 1 V, each ADA4930-2 output
swings between 0.501 V and 1.498 V, providing a 1.994 V p-p
differential output.
A third-order, 40 MHz, low-pass filter between the ADA4930-2
and the AD9640 reduces the noise bandwidth of the amplifier
and isolates the driver outputs from the ADC inputs.
1.8V
DRVDD
AVDD
VIN–
VIN+
AD9255
AGND
VCM
D11 TO
D0
90pF
30pF
168nH
168nH
33Ω
33Ω
50Ω
VIN
1V p-p
95Ω
0.314V
63.4Ω
VOCM
3.3V
ADA4930-1
+
0.5V
84.5Ω
301Ω
301Ω
Figure 59. Driving an AD9255, 14-Bit, 80 MSPS ADC
1.8V
DRVDD
AVDD
VIN–
VIN+
AD9640
AGND
CML
D11 TO
D0
90pF
30pF
168nH
168nH
50Ω
VIN
1V p-p
96.2Ω
64.2Ω
739Ω
739Ω
VOCM
VOCM
3.3V
3.3V
3.3V
ADA4930-2
+
88.5Ω
301Ω
301Ω
Figure 60. Driving an AD9640, 14-Bit, 80 MSPS ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com