Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-2YCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4930-2YCPZ-R2
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-2YCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4930-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4930-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Data Sheet
ADA4930-1/ADA4930-2
Rev. B | Page 11 of 25
–110
–100
–90
–80
–70
–105
–95
–85
–75
–65
–60
1M
10M
100M
200M
FREQUENCY (Hz)
HD2, VS = 5.0V
HD3, VS = 5.0V
HD2, VS = 3.3V
HD3, VS = 3.3V
Figure 19. ADA4930-1 Harmonic Distortion vs. Frequency
at VS = 3.3 V and VS = 5 V
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.40.5
0.60.7
0.80.91.01.11.2
70MHz, HD2
70MHz, HD3
10MHz, HD2
10MHz, HD3
VOCM ABOVE – VS (V)
Figure 20. Harmonic Distortion vs. VOCM at VS = 3.3 V
at 10 MHz and 70 MHz
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
HD2, VOUT = 1V p-p
HD3, VOUT = 1V p-p
HD2, VOUT = 2V p-p
HD3, VOUT = 2V p-p
1M
10M
100M
200M
Figure 21. Distortion vs. VOUT at VS = 3.3 V
–140
–120
–100
–80
–60
–40
–20
1.0
1.5
2.0
2.5
3.0
3.5
VOUT (V p-p)
HD2, 3.3V
HD3, 3.3V
HD2, 5.0V
HD3, 5.0V
Figure 22. Harmonic Distortion vs. Output @ 10 MHz
–110
–100
–90
–80
–70
–60
–50
–40
0.5
1.0
1.5
2.0
2.5
3.0
VOCM ABOVE – VS (V)
70MHz, HD2
70MHz, HD3
10MHz, HD2
10MHz, HD3
Figure 23. Harmonic Distortion vs. VOCM
at 10 MHz and 70 MHz
–140
–120
–100
–80
–60
–40
–20
0
20
69.8
69.9
70.0
70.1
70.2
70.3
FREQUENCY (MHz)
Figure 24. 70 MHz Intermodulation Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com