Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1613 Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16F1613
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16F1613 Datasheet HTML 26Page - Microchip Technology PIC16F1613 Datasheet HTML 27Page - Microchip Technology PIC16F1613 Datasheet HTML 28Page - Microchip Technology PIC16F1613 Datasheet HTML 29Page - Microchip Technology PIC16F1613 Datasheet HTML 30Page - Microchip Technology PIC16F1613 Datasheet HTML 31Page - Microchip Technology PIC16F1613 Datasheet HTML 32Page - Microchip Technology PIC16F1613 Datasheet HTML 33Page - Microchip Technology PIC16F1613 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
PIC12(L)F1612/16(L)F161X
DS40001720C-page 30
Preliminary
 2013-2014 Microchip Technology Inc.
7.3
Checksum Computation
The checksum is calculated by two different methods dependent on the setting of the CP Configuration bit.
7.3.1
PROGRAM CODE PROTECTION DISABLED
With the program code protection disabled, the checksum is computed by reading the contents of the program memory
locations and adding up the program memory data starting at address 0000h, up to the maximum user addressable
location. Any Carry bit exceeding 16 bits are ignored. Additionally, the relevant bits of the Configuration Words are added
to the checksum. All unimplemented Configuration bits are masked to ‘0’.
7.3.2
PROGRAM CODE PROTECTION ENABLED
When the MPLAB® IDE check box for Dashboard
Project PropertiesConf:BuildingInsert Checksum in User ID
Memory is checked, then the 16-bit checksum of the equivalent unprotected device is computed and stored in the user
ID. Each nibble of the unprotected checksum is stored in the Least Significant nibble of each of the four user ID
locations. The Most Significant checksum nibble is stored in the user ID at location 8000h, the second Most Significant
nibble is stored at location 8001h, and so forth for the remaining nibbles and ID locations. The protected checksums in
Table 7-2 assume that the Insert Checksum in User ID Memory box is checked.
The checksum of a code-protected device is computed in the following manner: the Least Significant nibble of each user
ID is used to create a 16-bit value. The Least Significant nibble of user ID location 8000h is the Most Significant nibble
of the 16-bit value. The Least Significant nibble of user ID location 8001h is the second Most Significant nibble, and so
forth for the remaining user IDs and 16-bit value nibbles. The resulting 16-bit value is summed with the Configuration
Words. All unimplemented Configuration bits are masked to ‘0’.
TABLE 7-1:
CONFIGURATION WORD MASK VALUES
Part Variant
Config. Word 1 Mask
Config. Word 2 Mask
Config. Word 3 Mask
PIC12(L)F1612/16(L)F1613
0EE3h
3F83h
3F7Fh
PIC16(L)F1614/8
0EE3h
3F87h
3F7Fh
PIC16(L)F1615/9
3EE3h
3F87h
3F7Fh
TABLE 7-2:
CHECKSUMS
Device
Config1
Config2
Config3
Checksum
Unprotected Protected
Mask
Word
Mask
Word
Mask
Unprotected
Code-protected
Blank
00AAh
First
and Last
Blank
00AAh
First
and Last
PIC12F1612
3FFFh
3F7Fh
0EE3h 3FFFh 3F83h 3FFFh 3F7Fh
85E5h
073Bh
134Ah
94A0h
PIC16F1613
3FFFh
3F7Fh
0EE3h 3FFFh 3F83h 3FFFh 3F7Fh
85E5h
073Bh
134Ah
94A0h
PIC16F1614
3FFFh
3F7Fh
0EE3h 3FFFh 3F87h 3FFFh 3F7Fh 7DE9h
FF3Fh
0B4Eh
8CA4h
PIC16F1615
3FFFh
3F7Fh
3EE7h 3FFFh 3F87h 3FFFh 3F7Fh 9DEDh
1F43h
5B56h
DCACh
PIC16F1618
3FFFh
3F7Fh
0EE3h 3FFFh 3F87h 3FFFh 3F7Fh 7DE9h
FF3Fh
0B4Eh
8CA4h
PIC16F1619
3FFFh
3F7Fh
3EE7h 3FFFh 3F87h 3FFFh 3F7Fh 9DEDh
1F43h
5B56h
DCACh
PIC12LF1612
3FFFh
3F7Fh
0EE3h 3FFFh 3F83h 3FFFh 3F7Fh
85E5h
073Bh
134Ah
94A0h
PIC16LF1613
3FFFh
3F7Fh
0EE3h 3FFFh 3F83h 3FFFh 3F7Fh
85E5h
073Bh
134Ah
94A0h
PIC16LF1614
3FFFh
3F7Fh
0EE3h 3FFFh 3F87h 3FFFh 3F7Fh 7DE9h
FF3Fh
0B4Eh
8CA4h
PIC16LF1615
3FFFh
3F7Fh
3EE7h 3FFFh 3F87h 3FFFh 3F7Fh 9DEDh
1F43h
5B56h
DCACh
PIC16LF1618
3FFFh
3F7Fh
0EE3h 3FFFh 3F87h 3FFFh 3F7Fh 7DE9h
FF3Fh
0B4Eh
8CA4h
PIC16LF1619
3FFFh
3F7Fh
3EE7h 3FFFh 3F87h 3FFFh 3F7Fh 9DEDh
1F43h
5B56h
DCACh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com