Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1613 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F1613
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F1613 Datasheet HTML 1Page - Microchip Technology PIC16F1613 Datasheet HTML 2Page - Microchip Technology PIC16F1613 Datasheet HTML 3Page - Microchip Technology PIC16F1613 Datasheet HTML 4Page - Microchip Technology PIC16F1613 Datasheet HTML 5Page - Microchip Technology PIC16F1613 Datasheet HTML 6Page - Microchip Technology PIC16F1613 Datasheet HTML 7Page - Microchip Technology PIC16F1613 Datasheet HTML 8Page - Microchip Technology PIC16F1613 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2013-2014 Microchip Technology Inc.
Preliminary
DS40001720C-page 1
This document includes the programming specifications for the following devices:
1.0
OVERVIEW
The devices can be programmed using either the high-voltage In-Circuit Serial Programming™ (ICSP™) method or the
low-voltage ICSP™ method.
1.1
Hardware Requirements
1.1.1
HIGH-VOLTAGE ICSP PROGRAMMING
In High-Voltage ICSP™ mode, these devices require two programmable power supplies: one for VDD and one for the
MCLR/VPP pin.
1.1.2
LOW-VOLTAGE ICSP PROGRAMMING
In Low-Voltage ICSP™ mode, these devices can be programmed using a single VDD source in the operating range. The
MCLR/VPP pin does not have to be brought to a different voltage, but can instead be left at the normal operating voltage.
1.1.2.1
Single-Supply ICSP Programming
The LVP bit in Configuration Word 2 enables single-supply (low-voltage) ICSP programming. The LVP bit defaults to a
‘1’ (enabled) from the factory. The LVP bit may only be programmed to ‘0’ by entering the High-Voltage ICSP mode,
where the MCLR/VPP pin is raised to VIHH. Once the LVP bit is programmed to a ‘0’, only the High-Voltage ICSP mode
is available and only the High-Voltage ICSP mode can be used to program the device.
• PIC12F1612
• PIC12LF1612
• PIC16F1613
• PIC16LF1613
• PIC16F1614
• PIC16LF1614
• PIC16F1615
• PIC16LF1615
• PIC16F1618
• PIC16LF1618
• PIC16F1619
• PIC16LF1619
Note 1: The High-Voltage ICSP mode is always available, regardless of the state of the LVP bit, by applying VIHH
to the MCLR/VPP pin.
2: While in Low-Voltage ICSP mode, MCLR is always enabled, regardless of the MCLRE bit, and the port
pin can no longer be used as a general purpose input.
PIC12(L)F1612/16(L)F161X Memory Programming Specification
PIC12(L)F1612/16(L)F161X


Similar Part No. - PIC16F1613

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1613 MICROCHIP-PIC16F1613 Datasheet
5Mb / 12P
8-bit PIC짰 Microcontrollers
03/12/14
PIC16F1613 MICROCHIP-PIC16F1613 Datasheet
415Kb / 19P
Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
PIC16F1613-I/P MICROCHIP-PIC16F1613-I/P Datasheet
7Mb / 396P
8/14-Pin, 8-Bit Flash Microcontroller
07/14/15
More results

Similar Description - PIC16F1613

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
Margining and Voltage Programming
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
Programming Tool
logo
Tyco Electronics
2-1437507-0 MACOM-2-1437507-0 Datasheet
181Kb / 1P
PROGRAMMING PLUG
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
Output Voltage Programming
EN5366QI ALTERA-EN5366QI Datasheet
1Mb / 16P
External Output Voltage Programming
logo
Agilent(Hewlett-Packard...
U2722A HP-U2722A Datasheet
672Kb / 15P
Voltage and current programming and readback
logo
Microchip Technology
PIC12LF1571 MICROCHIP-PIC12LF1571 Datasheet
543Kb / 32P
HIGH-VOLTAGE ICSP PROGRAMMING
11/29/12
PIC16LF18313 MICROCHIP-PIC16LF18313 Datasheet
487Kb / 44P
HIGH-VOLTAGE ICSP PROGRAMMING
07/14/15
logo
CUI INC
AMT-PGRM CUI-AMT-PGRM Datasheet
324Kb / 3P
PROGRAMMING MODULE
logo
Pepperl+Fuchs Inc.
UC-PROG1-USB PF-UC-PROG1-USB Datasheet
6Mb / 4P
Programming adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com