Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1613 Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F1613
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F1613 Datasheet HTML 13Page - Microchip Technology PIC16F1613 Datasheet HTML 14Page - Microchip Technology PIC16F1613 Datasheet HTML 15Page - Microchip Technology PIC16F1613 Datasheet HTML 16Page - Microchip Technology PIC16F1613 Datasheet HTML 17Page - Microchip Technology PIC16F1613 Datasheet HTML 18Page - Microchip Technology PIC16F1613 Datasheet HTML 19Page - Microchip Technology PIC16F1613 Datasheet HTML 20Page - Microchip Technology PIC16F1613 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
 2013-2014 Microchip Technology Inc.
Preliminary
DS40001720C-page 17
PIC12(L)F1612/16(L)F161X
4.3
Program/Verify Commands
The devices implement ten programming commands; each six bits in length. The commands are summarized in Table 4-1.
Commands that have data associated with them are specified to have a minimum delay of TDLY between the command
and the data. After this delay 16 clocks are required to either clock in or clock out the 14-bit data word. The first clock is
for the Start bit and the last clock is for the Stop bit.
4.3.1
LOAD CONFIGURATION
The Load Configuration command is used to access the configuration memory (user ID locations, Configuration Words,
Calibration Words). The Load Configuration command sets the address to 8000h and loads the data latches with one
word of data (see Figure 4-1).
After issuing the Load Configuration command, use the Increment Address command until the proper address to be
programmed is reached. The address is then programmed by issuing either the Begin Internally Timed Programming or
Begin Externally Timed Programming command.
The only way to get back to the program memory (address 0) is to exit Program/Verify mode or issue the Reset Address
command after the configuration memory has been accessed by the Load Configuration command.
FIGURE 4-1:
LOAD CONFIGURATION
TABLE 4-1:
COMMAND MAPPING
Command
Mapping
Data/Note
Binary (MSb … LSb)
Hex
Load Configuration
x0
00
00
00h
0
, data (14), 0
Load Data For Program Memory
x0
00
10
02h
0
, data (14), 0
Read Data From Program Memory
x0
01
00
04h
0
, data (14), 0
Increment Address
x0
01
10
06h
—
Reset Address
x1
01
10
16h
—
Begin Internally Timed Programming
x0
10
00
08h
—
Begin Externally Timed Programming
x1
10
00
18h
—
End Externally Timed Programming
x0
10
10
0Ah
—
Bulk Erase Program Memory
x0
10
01
09h
Internally Timed
Row Erase Program Memory
x1
00
01
11h
Internally Timed
Note:
Externally timed writes are not supported for Configuration and Calibration bits. Any externally timed write
to the Configuration or Calibration Word will have no effect on the targeted word.
X
0
0
LSb
MSb
0
12
3
4
5
6
1
2
15
16
ICSPCLK
ICSPDAT
00
0
0
TDLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com