Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1613 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F1613
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F1613 Datasheet HTML 7Page - Microchip Technology PIC16F1613 Datasheet HTML 8Page - Microchip Technology PIC16F1613 Datasheet HTML 9Page - Microchip Technology PIC16F1613 Datasheet HTML 10Page - Microchip Technology PIC16F1613 Datasheet HTML 11Page - Microchip Technology PIC16F1613 Datasheet HTML 12Page - Microchip Technology PIC16F1613 Datasheet HTML 13Page - Microchip Technology PIC16F1613 Datasheet HTML 14Page - Microchip Technology PIC16F1613 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
 2013-2014 Microchip Technology Inc.
Preliminary
DS40001720C-page 11
PIC12(L)F1612/16(L)F161X
3.5
Calibration Words
The internal calibration values are factory calibrated and stored in Calibration Words 1, 2 and 3 (800Ah, 800Bh and
800Ch).
The Calibration Words do not participate in erase operations. The device can be erased without affecting the Calibration
Words.
REGISTER 3-3:
CONFIGURATION WORD 1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
U-1
FCMEN(4)
IESO(4)
CLKOUTEN
BOREN1(1)
BOREN0(1)
—(3)
bit 13
bit 8
R/P-1
R/P-1
R/P-1
U-1
U-1
R/P-1
R/P-1
R/P-1
CP(2)
MCLRE
PWRTE
—
—FOSC2(5)
FOSC1
FOSC0
bit 7
bit 0
Legend:
W = Writable bit
‘0’ = Bit is cleared
R = Readable bit
‘1’ = Bit is set
x = Bit is unknown
-n = Value at POR
U = Unimplemented bit
P = Programmable Bit
bit 13
FCMEN: Fail-Safe Clock Monitor Enable bit(4)
1
= ON
- Fail-Safe Clock Monitor is enabled
0
= OFF
- Fail-Safe Clock Monitor is disabled
bit 12
IESO: Internal External Switchover bit(4)
1
= ON
- Internal/External Switchover (Two-Speed Start-up) mode is enabled
0
= OFF
- Internal/External Switchover mode is disabled
bit 11
CLKOUTEN: Clock Out Enable bit
1
= OFF - CLKOUT function is disabled. I/O or oscillator function on CLKOUT pin.
0
= ON
- CLKOUT function is enabled on CLKOUT pin
bit 10-9
BOREN<1:0>: Brown-out Reset Enable bits(1)
11
= ON
- Brown-out Reset enabled
10
= SLEEP
- Brown-out Reset enabled during operation and disabled in Sleep
01
= SBODEN
- Brown-out Reset controlled by SBOREN bit of the PCON register
00
= OFF
- Brown-out Reset disabled
bit 8
Unimplemented: Read as ‘1’(3)
bit 7
CP: Code Protection bit(2)
1
= OFF - Program memory code protection is disabled
0
= ON
- Program memory code protection is enabled
bit 6
MCLRE: MCLR/VPP Pin Function Select bit
If LVP bit = 1 (ON):
This bit is ignored.
If LVP bit = 0 (OFF):
1
= ON
- MCLR/VPP pin function is MCLR; Weak pull-up enabled.
0
= OFF - MCLR/VPP pin function is digital input; MCLR internally disabled; Weak pull-up under control of WPUA
register.
bit 5
PWRTE: Power-up Timer Enable bit(1)
1
= OFF - PWRT disabled
0
= ON
- PWRT enabled
bit 4-3
Unimplemented: Read as ‘1’
Note
1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
The entire program memory will be erased when the code protection is turned off.
3:
This bit should be maintained as ‘1’ when programmed.
4:
These bits are only implemented on the PIC16(L)F1615/9. They act as Unimplemented: Read as ‘1’ on all other parts
in the family.
5:
This bit is forced to ‘1’ on the PIC12(L)F1612 and PIC16(L)F1613/4/8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com