Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1613 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16F1613
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16F1613 Datasheet HTML 6Page - Microchip Technology PIC16F1613 Datasheet HTML 7Page - Microchip Technology PIC16F1613 Datasheet HTML 8Page - Microchip Technology PIC16F1613 Datasheet HTML 9Page - Microchip Technology PIC16F1613 Datasheet HTML 10Page - Microchip Technology PIC16F1613 Datasheet HTML 11Page - Microchip Technology PIC16F1613 Datasheet HTML 12Page - Microchip Technology PIC16F1613 Datasheet HTML 13Page - Microchip Technology PIC16F1613 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
PIC12(L)F1612/16(L)F161X
DS40001720C-page 10
Preliminary
 2013-2014 Microchip Technology Inc.
3.3
Device ID
The device ID word is located at 8006h. This location is read-only and cannot be erased or modified.
3.4
Configuration Words
There are three Configuration Words, Configuration Word 1 (8007h), Configuration Word 2 (8008h) and Configuration
Word 3 (8009h). The individual bits within these Configuration Words are used to enable or disable device functions such
as the Brown-out Reset, code protection and Power-up Timer.
REGISTER 3-2:
DEVICE ID: DEVICE ID REGISTER(1)
RR
RRR
R
11
DEV11
DEV10
DEV9
DEV8
bit 13
bit 8
RRRR
RRR
R
DEV7
DEV6
DEV5
DEV4
DEV3
DEV2
DEV1
DEV0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
‘1’ = Bit is set
‘0’ = Bit is cleared
-n = Value at POR
W = Writable bit
U = Unimplemented bit,
read as ‘0’
x = Bit is unknown
bit 13
Reserved: Read as ‘1’
bit 12
Reserved: Read as ‘1’
bit 11-0
DEV<11:0>: Device ID bits
These bits are used to identify the part number.
Note 1:
This location cannot be written.
TABLE 3-1:
DEVICE ID VALUES
DEVICE
DEVICE ID VALUES
DEV
REV
PIC12F1612
11 0000 0101 1000
10 xxxx xxxx xxxx
PIC12LF1612
11 0000 0101 1001
10 xxxx xxxx xxxx
PIC16F1613
11 0000 0100 1100
10 xxxx xxxx xxxx
PIC16LF1613
11 0000 0100 1101
10 xxxx xxxx xxxx
PIC16F1614
11 0000 0111 1000
10 xxxx xxxx xxxx
PIC16LF1614
11 0000 0111 1010
10 xxxx xxxx xxxx
PIC16F1615
11 0000 0111 1100
10 xxxx xxxx xxxx
PIC16LF1615
11 0000 0111 1110
10 xxxx xxxx xxxx
PIC16F1618
11 0000 0111 1001
10 xxxx xxxx xxxx
PIC16LF1618
11 0000 0111 1011
10 xxxx xxxx xxxx
PIC16F1619
11 0000 0111 1101
10 xxxx xxxx xxxx
PIC16LF1619
11 0000 0111 1111
10 xxxx xxxx xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com