Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG108 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9FG108
Description  Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG108 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9FG108 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 9Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 10Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 11Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 12Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS9FG108
Advance Information
0823—04/02/04
Ordering Information
ICS9FG108yGLF-T
Example:
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
a
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.17
0.27
.007
.011
c
0.09
0.20
.0035
.008
D
E
E1
6.00
6.20
.236
.244
e
L
0.45
0.75
.018
.030
N
a
0°8°0°8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
48
12.40
12.60
.488
.496
10-0039
Reference Doc.: JEDEC Publication 95, MO-153
In Millimeters
In Inches
COMMON DIMENSIONS
0.50 BASIC
0.020 BASIC
8.10 BASIC
0.319 BASIC
N
D (inch)
SEE VARIATIONS
SEE VARIATIONS
D mm.
48-Lead, 6.10 mm. Body, 0.50 mm. Pitch TSSOP
(240 mil)
(20 mil)
SYMBOL
SEE VARIATIONS
COMMON DIMENSIONS
SEE VARIATIONS
Designation for tape and reel packaging
Lead Free (if required)
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
ICS XXXX y G - LF T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com