Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG108 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9FG108
Description  Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG108 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9FG108 Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS9FG108
Advance Information
0823—04/02/04
Pin Description (Continued)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
25
DIF_STOP#
IN
Active low input to stop differential output clocks.
26
SPREAD
IN
Asynchronous, active high input to enable spread spectrum
functionality.
27
SEL14M_25M#
IN
Select 14.31818 MHz or 25 Mhz input frequency. 1 = 14.31818
MHz, 0 = 25 MHz
28
OE_3**
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
29
DIF_3#
OUT
0.7V differential complement clock outputs
30
DIF_3
OUT
0.7V differential true clock outputs
31
VDD
PWR
Power supply, nominal 3.3V
32
DIF_2#
OUT
0.7V differential complement clock outputs
33
DIF_2
OUT
0.7V differential true clock outputs
34
OE_2*
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
35
GND
PWR
Ground pin.
36
VDD
PWR
Power supply, nominal 3.3V
37
OE_1*
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
38
DIF_1#
OUT
0.7V differential complement clock outputs
39
DIF_1
OUT
0.7V differential true clock outputs
40
VDD
PWR
Power supply, nominal 3.3V
41
DIF_0#
OUT
0.7V differential complement clock outputs
42
DIF_0
OUT
0.7V differential true clock outputs
43
OE_0**
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
44
FS1
IN
Frequency select pin.
45
FS0
IN
Frequency select pin.
46
IREF
OUT
This pin establishes the reference current for the differential current-
mode output pairs. This pin requires a fixed precision resistor tied
to ground in order to establish the appropriate current. 475 ohms is
the standard value.
47
GNDA
PWR
Ground pin for the PLL core.
48
VDDA
PWR
3.3V power for the PLL core.
Note:
Pin names followed by '**' have 120 Kohm pull DOWN resistors
Pin names followed by '*' have 120 Kohm pull UP resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com