Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG108 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9FG108
Description  Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG108 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9FG108 Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS9FG108
Advance Information
0823—04/02/04
ICS9FG108 is a Frequency Timing Generator that provides 8 differential output pairs that are compliant to the Intel CK410
specification. It also provides support for PCI-Express, next generation I/O, and SATA. The part synthesizes several output
frequencies from either a 14.31818 Mhz crystal or a 25 MHz crystal. The device can also be driven by a reference input clock
instead of a crystal. It provides outputs with cycle-to-cycle jitter of less than 85 ps and output-to-output skew of less than 85 ps.
ICS9FG108 also provides a copy of the reference clock. Frequency selection can be accomplished via strap pins or SMBus
control.
General Description
Block Diagram
Power Groups
VDD
GND
34
10,14,19,31,36,40
15,35
N/A
47
48
47
IREF
Analog VDD & GND for PLL Core
Description
Pin Number
REFOUT, Digital Inputs, SMBus
DIF Outputs
STOP
LOGIC
XIN/CLKIN
X2
DIF(7:0)
CONTROL
LOGIC
SPREAD
FS(2:0)
SDATA
SCLK
SEL14M_25M#
DIF_STOP#
PROGRAMMABLE
SPREAD PLL
4
IREF
OSC
R EF OU T
OE(7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com