Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG108 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9FG108
Description  Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG108 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9FG108 Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
ICS9FG108
Advance Information
0823—04/02/04
Pin Configuration
Recommended Application:
Frequency Timing Generator for Differential CPU, PCI-Express
& SATA clocks
Features:
•
Generates common frequencies from 14.318 MHz or 25
MHz
•
Crystal or reference input
•
8 - 0.7V current-mode differential output pairs
•
Supports Serial-ATA at 100 MHz
•
Two spread spectrum modes: 0 to -0.5 downspread and
+/-0.25% centerspread
•
Unused inputs may be disabled in either driven or Hi-Z
state for power management.
Key Specifications:
•
Output cycle-to-cycle jitter < 85 ps
•
Output to output skew < 85 ps
•
+/-300 ppm frequency accuracy on output clocks
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
48-pin SSOP & TSSOP
Frequency Select Table
SEL14M_25M#
(FS3)
FS2FS1 FS0OUTPUT(MHz)
0
000
100.00
0
001
125.00
0
010
133.33
0
011
166.67
0
100
200.00
0
101
266.66
0
110
333.33
0
111
400.00
1
000
100.00
1
001
125.00
1
010
133.33
1
011
166.67
1
100
200.00
1
101
266.66
1
110
333.33
1
111
400.00
XIN/CLKIN
1
48 VDDA
X2
2
47 GNDA
VDD
3
46 IREF
GND
4
45 FS0
REFOUT
5
44 FS1
FS2
6
43 OE_0**
OE_7**
7
42 DIF_0
DIF_7
8
41 DIF_0#
DIF_7#
9
40 VDD
VDD 10
39 DIF_1
DIF_6 11
38 DIF_1#
DIF_6# 12
37 OE_1*
OE_6* 13
36 VDD
VDD 14
35 GND
GND 15
34 OE_2*
OE_5* 16
33 DIF_2
DIF_5 17
32 DIF_2#
DIF_5# 18
31 VDD
VDD 19
30 DIF_3
DIF_4 20
29 DIF_3#
DIF_4# 21
28 OE_3**
OE_4** 22
27 SEL14M_25M#
SDATA 23
26 SPREAD
SCLK 24
25 DIF_STOP#
Note:
Pin names followed by '**' have 120 Kohm pull DOWN resistors
Pin names followed by an '*' have 120 Kohm pull UP resistors
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
Third party brands and names are the property of their respective owners


Similar Part No. - ICS9FG108

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG108 IDT-ICS9FG108 Datasheet
252Kb / 19P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
ICS9FG108E RENESAS-ICS9FG108E Datasheet
418Kb / 20P
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
REV C 102912
ICS9FG108E RENESAS-ICS9FG108E_V01 Datasheet
418Kb / 20P
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
REV C 102912
More results

Similar Description - ICS9FG108

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
100-MHz Differential Buffer for PCI Express and SATA
logo
Integrated Circuit Syst...
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
ICS9FG110 ICST-ICS9FG110 Datasheet
19Kb / 1P
Programmable FTG for Differential PCI-Express
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
100-MHz Differential Buffer for PCI Express and SATA
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
795Kb / 33P
Ten 100MHz clocks for PCI Express
logo
Renesas Technology Corp
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
ICS9FG1901 RENESAS-ICS9FG1901 Datasheet
424Kb / 18P
Frequency Generator for P4™ CPU, PCI Express™ & Fully Buffered DIMM Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com