Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG108 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9FG108
Description  Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG108 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9FG108 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 9Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 10Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 11Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 12Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS9FG108
Advance Information
0823—04/02/04
Asserting DIF_STOP# pin stops all DIF outputs that are set to be stoppable after their next transition. When the I2C
DIF_STOP tri-state bit corresponding to the DIF output of interest is programmed to a '0', DIF output will stop DIF_True =
HIGH and DIF_Complement = LOW. When the I2C DIF_STOP tri-state bit corresponding to the DIF output of interest is
programmed to a '1', DIFoutputs will be tri-stated.
DIF_STOP# - Assertion (transition from '1' to '0')
With the de-assertion of DIF_STOP# all stopped DIF outputs will resume without a glitch. The maximum latency from the
de-assertion to active outputs is 2 - 6 DIF clock periods. If the control register tristate bit corresponding to the output of
interest is programmed to '1', then the stopped DIF outputs will be driven High within 10nS of DIF_Stop# de-assertion to a
voltage greater than 200mV.
DIF_STOP# - De-assertion (transition from '0' to '1')
DIF_STOP#
DIF
DIF#
DIF_Stop#
Tdrive_DIF_Stop, 10nS >200mV
DIF
DIF#
DIF Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com