Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6313 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6313
Description  High Power Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6313 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM6313 Datasheet HTML 1Page - National Semiconductor (TI) LM6313 Datasheet HTML 2Page - National Semiconductor (TI) LM6313 Datasheet HTML 3Page - National Semiconductor (TI) LM6313 Datasheet HTML 4Page - National Semiconductor (TI) LM6313 Datasheet HTML 5Page - National Semiconductor (TI) LM6313 Datasheet HTML 6Page - National Semiconductor (TI) LM6313 Datasheet HTML 7Page - National Semiconductor (TI) LM6313 Datasheet HTML 8Page - National Semiconductor (TI) LM6313 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Continued)
Operational Amplifier AC Electrical Characteristics Unless otherwise specified all limits
guaranteed for TA e 25 C and Supply Voltage VS e g15V Boldface limits apply at temperature extremes VCM e 0V
RS e 50X the circuit configured as in Figure 1
Symbol
Parameter
Conditions
Typical
Units
GBW
Gain-Bandwidth Product
f e 30 MHz
35
MHz
SR
Slew Rate
AV eb1 RL e 50X (Note 6)
250
V ms
PBW
Power Bandwidth
VOUT e 20 VPP
30
MHz
tS
Settling Time
10V Step to 01% (See
Figure 2 )
200
ns
Phase Margin
AV eb1 RL e 1kX CL e 50 pF
53
Deg
Differential Gain
01
%
Differential Phase
01
Deg
en
Input Noise Voltage
f e 10 kHz
14
nV SHz
in
Input Noise Current
f e 10 kHz
18
pA SHz
A1 DC Electrical Characteristics Unless otherwise specified all limits guaranteed for TA e 25 C and
Supply Voltage VS e g15V Boldface limits apply at temperature extremes VCM e 0V RS e 50X
Symbol
Parameter
Conditions
Typical
25 C0 Cto70 C
Units
Limit
Limit
AVOL
Large Signal Voltage Gain
VOUT e g10V RL e 2kX
650
300
250
VV (Min)
VOUT e g10V RL e %
6000
2500
2000
CMRR
Common-Mode
b
10V s VCM s a10V
90
72
70
dB (Min)
Rejection Ratio
PSRR
Power Supply
g
5V s gVS s a16V
90
72
70
dB (Min)
Rejection Ratio
ISC
Output Short
g
60
g
30
g
25
mA (Min)
Circuit Current
A1 AC Electrical Characteristics Unless otherwise specified all limits guaranteed for TA e 25 C and
Supply Voltage VS e g15V Boldface limits apply at temperature extremes RS e 50X
Symbol
Parameter
Conditions
Typical
25 C
Units
Limit
GBW
Gain-Bandwidth
f e 30 MHz
37
25
MHz (Min)
SR
Slew Rate
AV ea1 RL e 100 kX g4VIN
250
150
V ms (Min)
g
2VOUT
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur For guaranteed specifications and test conditions see the
Electrical Characteristics The guaranteed specifications apply only for the test condition listed Some performance characteristics may degrade when the device is
not operated under the listed test conditions
Note 2
In order to achieve optimum AC performance the input stage was designed without protective clamps Exceeding the maximum differential input voltage
results in reverse breakdown of the base-emitter junction of one of the input transistors Degradation of the input parameters (especially VOS IOS and Noise) is
proportional to the level of the externally limited breakdown current and the accumulated duration of the breakdown condition
Note 3
Continuous short-circuit operation of A1 at elevated temperature can result in exceeding the maximum allowed junction temperature of 125 C A2 contains
current limit and thermal shutdown to protect against fault conditions The device may be damaged by shorts to the supplies
Note 4
Human body model C e 100 pF RS e 1500X
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com