Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6313 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6313
Description  High Power Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6313 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6313 Datasheet HTML 1Page - National Semiconductor (TI) LM6313 Datasheet HTML 2Page - National Semiconductor (TI) LM6313 Datasheet HTML 3Page - National Semiconductor (TI) LM6313 Datasheet HTML 4Page - National Semiconductor (TI) LM6313 Datasheet HTML 5Page - National Semiconductor (TI) LM6313 Datasheet HTML 6Page - National Semiconductor (TI) LM6313 Datasheet HTML 7Page - National Semiconductor (TI) LM6313 Datasheet HTML 8Page - National Semiconductor (TI) LM6313 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics (Continued)
A2 DC Electrical Characteristics Unless otherwise specified all limits guaranteed for TA e 25 C and
Supply Voltage VS e g15V Boldface limits apply at temperature extremes RS e 50X
Symbol
Parameter
Conditions
Typical
25 C0 Cto70 C
Units
Limit
Limit
AV1
Voltage Gain 1
RL e 1kX VIN e g10V
099
097
095
VmV (Min)
AV2
Voltage Gain 2
RL e 50X VIN e g10V
09
085
082
VV (Min)
VOS
Offset Voltage
RL e 1kX
15
70
100
mV (Max)
Ib
Input Bias Current
RL e 1kX RS e 10 kX
16
8
m
A (Max)
RIN
Input Resistance
RL e 50X
5MX
CIN
Input Capacitance
35
pF
RO
Output Resistance
IOUT e g10 mA
35
50
80
X
(Min)
VO
Voltage Output Swing
RL e 1kX
137
130
127
RL e 100X
125
105
100
V (Min)
RL e 50X
110
90
85
PSRR
Power Supply
VS e g5V to g16V
70
60
50
dB (Min)
Rejection Ratio
A2 AC Electrical Characteristics Unless otherwise specified all limits guaranteed for TA e 25 C and
Supply Voltage VS e g15V Boldface limits apply at temperature extremes RS e 50X
Symbol
Parameter
Conditions
Typical
25 C
Units
Limit
SR 1
Slew Rate 1
VIN e g11V RL e 1kX
1200
V ms (Min)
SR 2
Slew Rate 2
VIN e g11V RL e 50X (Note 7)
750
550
BW
b
3 dB Bandwidth
VIN e g100 mVpp
65
30
MHz (Min)
RL e 50X CL s 10 pF
tr
Rise Time
RL e 1kX CL s 10 pF
8ns
tf
Fall Time
VO e 100 mVpp
PD
Propagation Delay
RL e 50X CL s 10 pF
4ns
VO e 100 mVpp
Overshoot
RL e 1kX CL e 100 pF
13
%
RL e 50X CL e 1000 pF
21
Additional (A2) Electrical Characteristics Unless otherwise specified all limits guaranteed for
TA e 25 C and Supply Voltage VS e g15V Boldface limits apply at temperature extremes
Symbol
Parameter
Conditions
Typical
25 C0 Cto70 C
Units
Limit
Limit
VOL
Flag Pin Output
ISINK Flag Pin e 500 mA
220
340
400
mV (Max)
Low Voltage
IOH
Flag Pin Output
VOH Flag Pin e 15V (Note 8)
001
10
20
m
A (Max)
High Current
Note 5
For operation at elevated temperature these devices must be derated to insure TJ s 125 C TJ e TA a (PD c iJA) iJA for the N package mounted flush
to the PCB is 40 CW when pins 4 5 12 and 13 are soldered to a total of 2 in2 of copper trace
Note 6
Measured between g5V
Note 7
VIN e g9V step input measured between g5V out
Note 8
The error flag is set during current limit or thermal shut-down The flag is an open collector low on fault
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com