Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6313 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6313
Description  High Power Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6313 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6313 Datasheet HTML 1Page - National Semiconductor (TI) LM6313 Datasheet HTML 2Page - National Semiconductor (TI) LM6313 Datasheet HTML 3Page - National Semiconductor (TI) LM6313 Datasheet HTML 4Page - National Semiconductor (TI) LM6313 Datasheet HTML 5Page - National Semiconductor (TI) LM6313 Datasheet HTML 6Page - National Semiconductor (TI) LM6313 Datasheet HTML 7Page - National Semiconductor (TI) LM6313 Datasheet HTML 8Page - National Semiconductor (TI) LM6313 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH10521
February 1995
LM6313 High Speed
High Power Operational Amplifier
General Description
The LM6313 is a high-speed high-power operational ampli-
fier This operational amplifier features a 35 MHz small sig-
nal bandwidth and 250 V ms slew rate A compensation pin
is included for adjusting the open loop bandwidth The input
stage (A1) and output stage (A2) are pinned out separately
and can be used independently The operational amplifier is
designed for low impedance loads and will deliver
g
300 mA The LM6313 has both overcurrent and thermal
shutdown protection with an error flag to signal both these
fault conditions
These amplifiers are built with National’s VIPTM (Vertically
Integrated PNP) process which provides fast PNP transis-
tors that are true complements to the already fast NPN de-
vices This advanced junction-isolated process delivers high
speed performance without the need for complex and ex-
pensive dielectric isolation
Features
Y
High slew rate
250 V ms
Y
Wide bandwidth
35 MHz
Y
Peak output current
g
300 mA
Y
Input and output stages pinned out separately
Y
Single or dual supply operation
Y
Thermal protection
Y
Error flag warns of faults
Y
Wide supply voltage range
g
5V to g15V
Applications
Y
High speed ATE pin driver
Y
Data acquisition
Y
Driving capacitive loads
Y
Flash A-D input driver
Y
Precision 50X –75X video line driver
Y
Laser diode driver
Connection Diagram
Dual-In-Line Package
TLH10521 – 1
Top View
Order Number LM6313N
See NS Package Number N16A
Heat sink pins
See Note 5 and Applications
Do not ground or otherwise connect to this pin
Typical Application
TLH10521 – 2
VIPTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - LM6313

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM631 SEOUL-LM631 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM631 SEOUL-LM631 Datasheet
360Kb / 13P
CYAN LAMP LED
LM631 SEOUL-LM631 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM631 SEOUL-LM631 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM631 SEOUL-LM631 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM6313

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
High Power Monolithic OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
CPA241 APEX-CPA241 Datasheet
114Kb / 1P
HIGH POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
CPA241 CIRRUS-CPA241 Datasheet
163Kb / 2P
High Power Operational Amplifier
logo
Anaren Microwave
MSK115 ANAREN-MSK115 Datasheet
378Kb / 7P
HIGH POWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com