Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6313 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6313
Description  High Power Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6313 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM6313 Datasheet HTML 2Page - National Semiconductor (TI) LM6313 Datasheet HTML 3Page - National Semiconductor (TI) LM6313 Datasheet HTML 4Page - National Semiconductor (TI) LM6313 Datasheet HTML 5Page - National Semiconductor (TI) LM6313 Datasheet HTML 6Page - National Semiconductor (TI) LM6313 Datasheet HTML 7Page - National Semiconductor (TI) LM6313 Datasheet HTML 8Page - National Semiconductor (TI) LM6313 Datasheet HTML 9Page - National Semiconductor (TI) LM6313 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Hints (Continued)
LASER DIODE MODULATOR
Figure 6 is a minimum component count example of a video
modulator for a CW laser diode This example biases the
diode at 200 mA and modulates the current at g200 mA per
volt of signal If it is desired to reduce power consumption
and g5V supplies are available all that is necessary is to
change R2 to 5 kX and R4 to 15X
CAPACITIVE LOAD DRIVING
Figure 7 is the circuit used to demonstrate the ability of the
LM6313 to drive capacitive loads at speeds not previously
possible with monolithic op amps
TLH10521 – 13
FIGURE 6
TLH10521 – 14
FIGURE 7
In photo 1 CL is 1000 pF The LM6313 is slewing at
250 V ms from b5V to a5V The slew rate is 450 V ms
from a5V to b5V This requires the op amp to deliver
450 mA into the load and remain stable
In photo 2 CL is changed to 1 mF Under these conditions
the op amp is forced into current limiting Here the current is
internally limited to about g400 mA Note the rapid and
complete recovery to normal operation at the end of slew-
ing
TLH10521 – 16
Photo 1
TLH10521 – 15
Photo 2
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com