Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6313 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6313
Description  High Power Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6313 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM6313 Datasheet HTML 1Page - National Semiconductor (TI) LM6313 Datasheet HTML 2Page - National Semiconductor (TI) LM6313 Datasheet HTML 3Page - National Semiconductor (TI) LM6313 Datasheet HTML 4Page - National Semiconductor (TI) LM6313 Datasheet HTML 5Page - National Semiconductor (TI) LM6313 Datasheet HTML 6Page - National Semiconductor (TI) LM6313 Datasheet HTML 7Page - National Semiconductor (TI) LM6313 Datasheet HTML 8Page - National Semiconductor (TI) LM6313 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
Total Supply Voltage (aVS to bVS)
36V (g18)
A1 Differential Input Voltage (Note 2)
g
7V
A1 Input Voltage
(Va b07) to (Vb b7V)
A2 Input to Output Voltage
g
7V
A2 Input Voltage
g
VS
Flag Output Voltage
GND to aVS
Short-Circuit to Ground
(Note 3)
Storage Temperature Range
b
65 C s T s a150 C
Lead Temperature (Soldering 5 seconds)
260 C
ESD Tolerance (Note 4)
Pins 10 and 11
g
600V
All Other Pins
g
1500V
Operating Temperature Range
LM6313N
0 Cto70 C
Thermal Derating Information (Note 5)
iJA
40 CW
TJ (Max)
125 C
Operational Amplifier DC Electrical Characteristics Unless otherwise specified all limits
guaranteed for TA e 25 C and Supply Voltage VS e g15V Boldface limits apply at temperature extremes VCM e 0V
RS e 50X the circuit configured as in Figure 1
Symbol
Parameter
Conditions
Typical
25 C0 Cto70 C
Units
Limit
Limit
VOS
Input Offset Voltage
5
20
22
mV (Max)
D
VOS DT
Average Input Offset
10
m
V C
Voltage Drift
Ib
Input Bias Current
2
5
7
m
A (Max)
IOS
Input Offset Current
015
15
19
m
A (Max)
D
IOS DT
Average Input Offset
04
nA C
Current Drift
RIN
Input Resistance
Differential
325
kX
CIN
Input Capacitance
AV ea1 f e 10 MHz
22
pF
VCM
Common-Mode
a
142
a
138
a
137
V (Min)
Voltage Range
b
132
b
128
b
127
AV1
Voltage Gain 1
RL e 1kX VO e g10V
6000
2500
2000
VV (Min)
AV2
Voltage Gain 2
RL e 50X VO e g8V
5000
2000
1500
CMRR
Common-Mode
b
10V s VCM s a10V
90
72
70
dB (Min)
Rejection Ratio
PSRR
Power Supply
g
5V s VS s g16V
90
72
70
dB (Min)
Rejection Ratio
VO1
Output Voltage Swing 1
RL e 1kX
131
118
112
VO2
Output Voltage Swing 2
RL e 100X
120
105
100
g
V (Min)
VO3
Output Voltage Swing 3
RL e 50X
110
90
85
IS
Supply Current
TJ e 0 C
24
TJ e 25 C
18
23
mA (Max)
TJ e 125 C
21
ISC
Peak Short-Circuit Output
(See
Figure 3 )
300
mA
TLH10521 – 3
FIGURE 1
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com