Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4001-2ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4001-2ARZ-R7
Description  Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4001-2ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4001-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
ADA4001-2
Rev. C | Page 3 of 12
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VSY = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
±0.5
±1.5
mV
−40°C < TA < +125°C
±2.5
mV
Offset Voltage Drift
ΔVOS/ΔT
±5
µV/°C
Input Bias Current
IB
20
30
pA
−40°C < TA < +125°C
4
nA
Input Offset Current
IOS
20
pA
−40°C < TA < +125°C
2
nA
Input Voltage Range
−12.5
+12.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −12.5 V to +12.5 V
96
105
dB
−40°C < TA < +125°C
90
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = −13.5 V to +13.5 V
104
112
dB
RL = 2 kΩ, VO = −13.5 V to +13.5 V
104
112
dB
−40°C < TA < +125°C
90
dB
RL = 600 Ω, VO = −13.0 V to +13.0 V
90
93
dB
Input Capacitance, Differential
CDM
VCM = 0 V
3.1
pF
Input Capacitance, Common-Mode
CCM
VCM = 0 V
4.8
pF
Input Resistance
VCM = 0 V
>1 × 1013
Ω
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ
14.8
V
RL = 2 kΩ
14.5
V
RL = 600 Ω
13.5
V
Output Voltage Low
VOL
RL = 10 kΩ
−14.8
V
RL = 2 kΩ
−14.5
V
RL = 600 Ω
−13.5
V
Short-Circuit Current
ISC
±50
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±4.5 V to ±18 V
96
110
dB
−40°C < TA < +125°C
93
dB
Operating Voltage Range
±5
±18
V
Supply Current/Amplifier
ISY
VO = 0 V
2
3
mA
4
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
±151
±25
V/µs
Gain Bandwidth Product
GBP
VIN = 5 mV p-p, RL = 10 kΩ, AV = 100
16.7
MHz
Unity-Gain Crossover
UGC
VIN = 5 mV p-p, RL = 10 kΩ, AV = 1
10.2
MHz
Phase Margin
φM
76
Degrees
−3 dB Closed-Loop Bandwidth
−3 dB
AV = 1, VIN = 5 mV p-p
10.3
MHz
Settling Time
tS
To 0.01%, 10 V step, G = +1
1.2
µs
Total Harmonic Distortion (THD) + Noise
THD + N
1 kHz, G = +1, RL = 2 kΩ
0.00006
%
NOISE PERFORMANCE
Voltage Noise
en rms
20 Hz to 20 kHz
1.2
μV rms
Voltage Noise Density
en
f = 100 Hz
8.8
nV/√Hz
f = 1 kHz
7.7
nV/√Hz
Current Noise Density
in
f = 1 kHz
3
fA/√Hz
1
Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com