Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4001-2ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4001-2ARZ-R7
Description  Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4001-2ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4001-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
ADA4001-2
Rev. C | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
140
160
180
200
120
100
80
60
40
20
0
OFFSET VOLTAGE (µV)
ADA4001-2
SOIC
VSY = ±15V
TA = 25°C
Figure 2. Input Offset Voltage Distribution
140
120
100
80
60
40
20
0
TCVOS (µV/°C)
ADA4001-2
VSY = ±15V
TA = –40°C TO +125°C
Figure 3. TCVOS Distribution
300
200
100
0
–100
–200
–300
–15
–10
–5
0
5
10
15
COMMON-MODE INPUT VOLTAGE (V)
ADA4001-2
VSY = ±15V
TA = –40°C TO +125°C
UNIT 3
UNIT 2
UNIT 1
Figure 4. Input Offset Voltage vs. Common-Mode Voltage
15
10
5
0
–5
–10
–15
–15
–10
–5
0
5
10
15
COMMON-MODE INPUT VOLTAGE (V)
ADA4001-2
SOIC
VSY = ±15V
TA = 25°C
RL =
∞
THREE UNITS
Figure 5. Input Bias Current vs. Common-Mode Voltage
100
75
50
25
0
–25
–50
–15
–10
–5
+85°C
+125°C
–40°C
0
5
10
15
COMMON-MODE INPUT VOLTAGE (V)
ADA4001-2
SOIC
VSY = ±15V
RL =
∞
+25°C
Figure 6. Input Bias Current vs. VCM and Temperature
10
1
0.1
0.01
0.1
1
10
100
IOUT SOURCE (mA)
ADA4001-2
VSY = ±15V
TA = 25°C
Figure 7. Dropout Voltage vs. Source Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com