Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4001-2ARZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4001-2ARZ-R7
Description  Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4001-2ARZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4001-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ADA4001-2
Data Sheet
Rev. C | Page 10 of 12
APPLICATIONS INFORMATION
TOTAL NOISE INCLUDING SOURCE RESISTORS
The low input current noise and input bias current of the
ADA4001-2 makes it the ideal amplifier for circuits with
substantial input source resistance. Input offset voltage
increases by less than 15 nV per 500 Ω of source resistance
at room temperature. The total noise density of the circuit is

S
S
n
n
nTOTAL
kTR
R
i
e
e
4
2
2
where:
en
is the input voltage noise density of the part.
in
is the input current noise density of the part.
RS
is the source resistance at the noninverting terminal.
k
is Boltzmann’s constant (1.38 × 10–23 J/K).
T
is the ambient temperature in Kelvin (T = 273 + °C).
For RS < 4 kΩ, en dominates and enTOTAL ≈ en. The current
noise of the ADA4001-2 is so low that its total density does
not become a significant term unless RS is greater than
100 MΩ, an impractical value for most applications.
The total equivalent rms noise over a specific bandwidth is
expressed as
BW
e
e
nTOTAL
nTOTAL
where BW is the bandwidth in hertz.
Note that the previous analysis is valid for frequencies larger
than 150 Hz and assumes flat noise above 10 kHz. For lower
frequencies, flicker noise (1/f) must be considered.
I-V CONVERSION APPLICATIONS
Photodiode Circuits
Common applications for I-V conversion include photodiode
circuits where the amplifier is used to convert a current emitted
by a diode placed at the negative input terminal into an output
voltage.
The ADA4001-2 low input bias current, wide bandwidth, and
low noise makes it an excellent choice for various photodiode
applications, including fax machines, fiber optic controls,
motion sensors, and bar code readers.
The circuit shown in Figure 28 uses a silicon diode with
zero bias voltage. This is known as a photovoltaic mode;
this configuration limits the overall noise and is suitable for
instrumentation applications.
4
8
3
1
2
ADA4001-2
Cf
R2
Rd
Ct
VEE
VCC
Figure 28. Equivalent Preamplifier Photodiode Circuit
A larger signal bandwidth can be attained at the expense of
additional output noise. The total input capacitance (Ct)
consists of the sum of the diode capacitance and the amplifier’s
input capacitance (8 pF), which includes external parasitic
capacitance. Ct creates a pole in the frequency response that can
lead to an unstable system. To ensure stability and optimize the
bandwidth of the signal, a capacitor is placed in the feedback
loop of the circuit shown in Figure 28. It creates a zero and
yields a bandwidth whose corner frequency is 1/(2π(R2Cf)).
The value of R2 can be determined by the ratio
V
/ID
where:
V
is the desired output voltage of the op amp.
ID
is the diode current.
For example, if ID is 100 μA and a 10 V output voltage is desired,
R2 should be 100 kΩ. Rd (see Figure 28) is a junction resistance
that drops typically by a factor of 2 for every 10°C increase in
temperature.
A typical value for Rd is 1000 MΩ. Because Rd >> R2, the
circuit behavior is not impacted by the effect of the junction
resistance. The maximum signal bandwidth is
Ct
R
ft
f
MAX
2
2
where ft is the unity gain frequency of the amplifier.
Cf can be calculated by
ft
R
Ct
Cf
2
2
where ft is the unity gain frequency of the op amp, and it achieves
a phase margin, φM, of approximately 45°.
A higher phase margin can be obtained by increasing the value
of Cf. Setting Cf to twice the previous value yields approximately
φM = 65° and a maximal flat frequency response, but it reduces the
maximum signal bandwidth by 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com