Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4001-2ARZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4001-2ARZ-R7
Description  Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4001-2ARZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4001-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ADA4001-2
Data Sheet
Rev. C | Page 6 of 12
10
1
0.1
0.01
0.1
0.01
1
10
100
IOUT SINK (mA)
ADA4001-2
VSY = ±15V
TA = 25°C
Figure 8. Dropout Voltage vs. Sink Current
120
270
225
180
135
90
45
0
–45
–90
100
80
60
40
20
0
–20
–40
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (kHz)
ADA4001-2
VSY = ±15V
TA = 25°C
RL = 2kΩ
Figure 9. Open-Loop Gain and Phase vs. Frequency
50
30
10
–10
–30
1
10
100
1k
10k
100k
FREQUENCY (kHz)
ADA4001-2
VSY = ±15V
TA = 25°C
RL = 2kΩ
AV = +100
AV = +10
AV = +1
Figure 10. Closed-Loop Gain vs. Frequency
1k
100
10
1
0.1
0.01
1
0.1
10
100
1k
10k
100k
FREQUENCY (kHz)
ADA4001-2
VSY = ±15V
TA = 25°C
AV = +100
AV = +10
AV = +1
Figure 11. Closed-Loop Output Impedance vs. Frequency
120
100
80
60
40
20
0
–20
1
0.1
10
100
1k
10k
FREQUENCY (kHz)
PSRR–
PSRR+
ADA4001-2
VSY = ±15V
TA = 25°C
Figure 12. PSRR vs. Frequency
120
140
100
80
60
40
20
0
1
0.1
10
100
1k
10k
FREQUENCY (kHz)
ADA4001-2
VSY = ±15V
TA = 25°C
Figure 13. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com