Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4001-2ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4001-2ARZ-R7
Description  Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4001-2ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4001-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4001-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Low Noise, Low Input Bias Current, Rail-to-Rail
Output, JFET Dual Operational Amplifier
Data Sheet
ADA4001-2
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low TCVOS: ±5 µV/°C typical
Low input bias current: 20 pA typical at VSY = ±15 V
Low noise
7.7 nV/√Hz typical at f = 1 kHz
1.2 µV rms at 20 Hz to 20 kHz
Low distortion: 0.00006%
No phase reversal
Rail-to-rail output
Unity-gain stable
APPLICATIONS
Instrumentation
Medical instruments
Multipole filters
Precision current measurement
Photodiode amplifiers
Sensors
Audio
PIN CONFIGURATION
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4001-2
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC_N (R Suffix)
GENERAL DESCRIPTION
The ADA4001-2 is a dual channel JFET amplifier that features
low input voltage noise and current noise, input bias current,
and rail-to-rail output.
The combination of low noise and low input bias current makes
this amplifier especially suitable for high impedance sensor
amplification. With low noise and fast settling times, the
ADA4001-2 provides good accuracy for medical instruments,
electronic measurement, and automated test equipment. Unlike
many competitive amplifiers, the ADA4001-2 maintains fast
settling performance even with substantial capacitive loads,
and, unlike many older JFET amplifiers, the ADA4001-2 does
not suffer from output phase reversal when input voltages
exceed the maximum common-mode voltage range.
With fast slew rate and great stability under capacitive loads, the
ADA4001-2 is a good fit for filter applications. With low input
bias currents and noise, it offers a wide dynamic range for photodi-
ode amplifier circuits. Low noise and distortion, along with
high output current and excellent speed, make the ADA4001-2
a great choice for audio applications.
The ADA4001-2 is specified over the −40°C to +125°C extended
industrial temperature range.
The ADA4001-2 is available in an 8-lead narrow SOIC package.


Similar Part No. - ADA4001-2ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4001-2ARZ-R7 AD-ADA4001-2ARZ-R7 Datasheet
357Kb / 12P
Low Noise, Low Input Bias Current, Rail-to-Rail
REV. B
ADA4001-2ARZ-R7 AD-ADA4001-2ARZ-R7 Datasheet
326Kb / 12P
Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
Rev. C
More results

Similar Description - ADA4001-2ARZ-R7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
logo
New Japan Radio
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
BCD Semiconductor Manuf...
AZV831 BCDSEMI-AZV831 Datasheet
686Kb / 24P
Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
AZV832 BCDSEMI-AZV832 Datasheet
779Kb / 24P
Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
logo
Analog Devices
ADA4001-2 AD-ADA4001-2 Datasheet
357Kb / 12P
Low Noise, Low Input Bias Current, Rail-to-Rail
REV. B
logo
BCD Semiconductor Manuf...
AZV831 BCDSEMI-AZV831_12 Datasheet
823Kb / 27P
Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
logo
Texas Instruments
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
Rohm
LMR376YG-C ROHM-LMR376YG-C Datasheet
1Mb / 20P
Automotive Low Offset Low Noise & Rail-to-Rail Input/Output CMOS Operational Amplifier
10.Feb.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com