Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9371BBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 31Page - Analog Devices AD9371BBCZ Datasheet HTML 32Page - Analog Devices AD9371BBCZ Datasheet HTML 33Page - Analog Devices AD9371BBCZ Datasheet HTML 34Page - Analog Devices AD9371BBCZ Datasheet HTML 35Page - Analog Devices AD9371BBCZ Datasheet HTML 36Page - Analog Devices AD9371BBCZ Datasheet HTML 37Page - Analog Devices AD9371BBCZ Datasheet HTML 38Page - Analog Devices AD9371BBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 35 of 60
0
–120
–100
–80
–60
–40
–20
06
12
18
39
15
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 112. Observation Receiver HD3 vs. Observation Receiver Attenuation,
2600 MHz LO, CW Signal 25 MHz Offset, −20 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
200 MHz RF Bandwidth, 245.76 MSPS Sample Rate
–40
–120
–110
–100
–90
–80
–60
–70
–50
2300
2500
2700
2800
2400
2600
SNIFFER RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 113. Sniffer Receiver LO Leakage vs. Sniffer Receiver LO Frequency,
0 dB Receiver Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
30
0
5
10
20
15
25
2300
2500
2700
2800
2400
2600
SNIFFER RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 114. Sniffer Receiver Noise Figure vs. Sniffer Receiver LO Frequency,
0 dB Receiver Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate,
20 MHz Integration Bandwidth
90
0
10
20
60
40
80
50
30
70
39
12
6
INTERMODULATION FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 115. Sniffer Receiver IIP2 vs. Intermodulation Frequency (f2 − f1),
2600 MHz LO, 0 dB Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
20
–10
5
–5
15
0
10
08
12
46
10
2
INTERMODULATION FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 116. Sniffer Receiver IIP3 vs. Intermodulation Frequency (f2 − 2f1), 2600 MHz
LO, 0 dB Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
0
–100
–90
–70
–40
–80
–50
–20
–60
–30
–10
020
10
15
5
SNIFFER RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 117. Sniffer Receiver Image vs. Sniffer Receiver Attenuation, 2600 MHz
LO, CW Signal 1 MHz Offset, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com