Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9371BBCZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 52Page - Analog Devices AD9371BBCZ Datasheet HTML 53Page - Analog Devices AD9371BBCZ Datasheet HTML 54Page - Analog Devices AD9371BBCZ Datasheet HTML 55Page - Analog Devices AD9371BBCZ Datasheet HTML 56Page - Analog Devices AD9371BBCZ Datasheet HTML 57Page - Analog Devices AD9371BBCZ Datasheet HTML 58Page - Analog Devices AD9371BBCZ Datasheet HTML 59Page - Analog Devices AD9371BBCZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 58 of 60
SYNTHESIZERS
RF PLL
The AD9371 contains three fractional-N PLLs to generate the
RF LOs used by the transmitter, receiver, and observation
receiver. The PLL incorporates an internal VCO and loop filter
that require no external components. The internal VCO LDO
regulators eliminate the need for additional external power
supplies for the PLLs. These regulators only require an external
bypass capacitor for each supply.
Clock PLL
The AD9371 contains a PLL synthesizer that generates all of the
baseband related clock signals and SERDES clocks. This PLL is
programmed based on the data rate and sample rate requirements
of the system.
External LO Inputs
The AD9371 provides two external LO inputs to allow an
external synthesizer to be used with the device. These inputs
must be 2× the desired LO frequency. Note that operation for
the external LO option is limited to a maximum of 4000 MHz.
One input pair is dedicated to the receiver LO generation circuit
and the other input provides the input to the transmitter and
observation receiver LO generation blocks. Note that the
observation receiver can obtain the LO from either the Tx LO
generator block or its own dedicated PLL. When the sniffer
channel is enabled, the LO for this block can only come from
the dedicated internal observation channel PLL.
SERIAL PERIPHERAL INTERFACE (SPI) INTERFACE
The AD9371 uses a SPI to communicate with the baseband
processor (BBP). This interface can be configured as a 4-wire
interface with dedicated receive and transmit ports, or it can be
configured as a 3-wire interface with a bidirectional data
communications port. This bus allows the BBP to set all device
control parameters using a simple address data serial bus protocol.
Write commands follow a 24-bit format. The first bit sets the
bus direction of the bus transfer. The next 15 bits set the address
where data is written. The final eight bits are the data being
transferred to the specific register address.
Read commands follow a similar format with the exception that
the first 16 bits are transferred on the SDIO pin, and the final
eight bits are read from the AD9371, either on the SDO pin in
4-wire mode or on the SDIO pin in 3-wire mode.
GPIO_x AND GPIO_3P3_x PINS
The AD9371 general-purpose input/output signals referenced
to the VDD_IF supply can be configured for numerous functions.
Some of these pins, when configured as outputs, are used by the
BBP as real-time signals to provide a number of internal settings
and measurements. This configuration allows the BBP to monitor
receiver performance in different situations. A pointer register
selects what information is output to these pins. Signals used for
manual gain mode, calibration flags, state machine states, and
various receiver parameters are among the outputs that can be
monitored on these pins. In addition, certain pins can be
configured as inputs and used in various functions such as
setting the receiver gain in real time.
The GPIO_3P3_x pins referenced to the VDDA_3P3 supply are
also included in the device and can provide control signals to
the external components such as VGAs or attenuators in the RF
section that typically use a higher reference voltage.
AUXILIARY CONVERTERS
Auxiliary ADC Inputs (AUXADC_x)
The AD9371 contains an auxiliary ADC that is multiplexed to four
input pins (AUXADC_0 through AUXADC_3). This block can
monitor system voltages without adding additional components.
The auxiliary ADC is 12 bits with an input voltage range of 0.05 V
to VDDA_3P3 − 0.25 V. When enabled, the auxiliary ADC is
free running. Software reads of the output value provide the last
value latched at the ADC output.
Auxiliary DACs (AUXDAC_x)
The AD9371 contains 10 identical auxiliary DACs (AUXDAC_0
to AUXDAC_9) that can supply bias voltages, analog control
voltages, or other system functionality. The inputs of these auxiliary
DACs (AUXDAC_0 to AUXDAC_9) are multiplexed with the
GPIO_3P3_x pins according to Table 7. The auxiliary DACs are
10 bits and have an output voltage range of approximately 0.5 V
to VDDA_3P3 − 0.3 V and have a current drive of 10 mA.
Table 7. AUXDAC Input Pin Assignments
GPIO_3P3 Pin
AUXDAC Output
GPIO_3P3_9
AUXDAC_0
GPIO_3P3_7
AUXDAC_1
GPIO_3P3_6
AUXDAC_2
GPIO_3P3_10
AUXDAC_3
GPIO_3P3_0
AUXDAC_4
GPIO_3P3_1
AUXDAC_5
GPIO_3P3_3
AUXDAC_6
GPIO_3P3_4
AUXDAC_7
GPIO_3P3_5
AUXDAC_8
GPIO_3P3_8
AUXDAC_9
JESD204B DATA INTERFACE
The digital data interface for the AD9371 uses JEDEC Standard
JESD204B Subclass 1. The serial interface operates at speeds of
up to 6144 Mbps. The benefits of the JESD204B interface include a
reduction in required board area for data interface routing and
smaller package options due to the need for fewer pins. Digital
filtering is included in all receiver and transmitter paths to provide
proper signal conditioning and sampling rates to meet the
JESD204B data requirements. Examples of the digital filtering
configurations for the Tx and Rx paths are shown in Figure 240
and Figure 241, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com