Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9371BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 12Page - Analog Devices AD9371BBCZ Datasheet HTML 13Page - Analog Devices AD9371BBCZ Datasheet HTML 14Page - Analog Devices AD9371BBCZ Datasheet HTML 15Page - Analog Devices AD9371BBCZ Datasheet HTML 16Page - Analog Devices AD9371BBCZ Datasheet HTML 17Page - Analog Devices AD9371BBCZ Datasheet HTML 18Page - Analog Devices AD9371BBCZ Datasheet HTML 19Page - Analog Devices AD9371BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 16 of 60
Pin No.
Type1
Mnemonic
Description
H1, J1
O
TX2−, TX2+
Differential Output for Transmitter 2.
H11, H12, J3, J7, J8, J11, J12, K5 to K8,
K11, K12, L5, L6, L11, L12, M10, M11
I/O
GPIO_0 to GPIO_18
General-Purpose Inputs and Outputs Referenced to
VDD_IF. See Figure 4 to match the ball location to the
GPIO_x signal name.
H14, J14
O
TX1+, TX1−
Differential Output for Transmitter 1.
J4
I
RESET
Active Low Chip Reset.
J5
O
GP_INTERRUPT
General-Purpose Interrupt Signal.
J6
I
TEST
Test Pin Used for JTAG Boundary Scan. Ground this pin if
unused.
J9
I/O
SDIO
Serial Data Input in 4-Wire Mode or Input/Output in 3-Wire
Mode.
J10
O
SDO
Serial Data Output.
K3, K4
I
SYSREF_IN+, SYSREF_IN−
LVDS SYSREF Clock Inputs for the JESD204B Interface.
K9
I
SCLK
Serial Data Bus Clock.
K10
I
CSB
Serial Data Bus Chip Select. Active low.
L3, L4
I
SYNCINB1−, SYNCINB1+
LVDS Sync Signal Associated with ORx/Sniffer Channel
Data on the JESD204B Interface. Alternatively, these pins
can be set to a CMOS input using SYNCINB1+ as the input
and connecting SYNCINB1− with a 1 kΩ resistor to GND.
L7, L10
I
VSSD
Digital Ground.
L8, L9
I
VDIG
1.3 V Digital Core Supply. Use a separate trace on the PCB
back to a common supply point.
M1
O
VCLK_VCO_LDO
Clock VCO LDO 1.1 V Output. Bypass this pin with a 1 µF
capacitor.
M3, M4
I
SYNCINB0−, SYNCINB0+
LVDS Sync Signal Associated with Rx Channel Data on the
JESD204B Interface. Alternatively, these pins can be set to
a CMOS input using SYNCINB0+ as the input and
connecting SYNCINB0− with a 1 kΩ resistor to GND.
M5
I
RX1_ENABLE
Enables Rx Channel 1 Signal Path.
M6
I
TX1_ENABLE
Enables Tx Channel 1 Signal Path.
M7
I
RX2_ENABLE
Enables Rx Channel 2 Signal Path.
M8
I
TX2_ENABLE
Enables Tx Channel 2 Signal Path.
M12
I
VDD_IF
CMOS/LVDS Interface Supply.
M13, M14
O
SYNCOUTB0+, SYNCOUTB0−
LVDS Sync Signal Associated with Transmitter Channel
Data on the JESD Interface. Alternatively, these pins can be
set to a CMOS output using SYNCOUTB0+ as the output
while leaving SYNCOUTB0− floating.
N1
I
VDDA_CLK
1.3 V Clock Supply Input.
N3, N4
O
SERDOUT3−, SERDOUT3+
RF Current Mode Logic (CML) Differential Output 3. This
JESD204B lane can be used by the receiver data or by the
sniffer/observation receiver data.
N5, N6
O
SERDOUT2−, SERDOUT2+
RF CML Differential Output 2. This JESD204B lane can be
used by the receiver data or by the sniffer/observation
receiver data.
N8, P8
I
VDDA_SER
JESD204B 1.3 V Serializer Supply Input.
N9
I
VDDA_DES
JESD204B 1.3 V Deserializer Supply Input.
N10, N11
I
SERDIN2−, SERDIN2+
RF CML Differential Input 2.
N12, N13
I
SERDIN3−, SERDIN3+
RF CML Differential Input 3.
P4, P5
O
SERDOUT1−, SERDOUT1+
RF CML Differential Output 1. This JESD204B lane can be
used by receiver data or by sniffer/observation receiver data.
P6, P7
O
SERDOUT0−, SERDOUT0+
RF CML Differential Output 0. This JESD204B lane can be
used by receiver data or by sniffer/observation receiver data.
P9
I
JESD_VTT_DES
JESD204B Deserializer Termination Supply Input.
P11, P12
I
SERDIN0−, SERDIN0+
RF CML Differential Input 0.
P13, P14
I
SERDIN1−, SERDIN1+
RF CML Differential Input 1.
1
I is input, O is output, I/O is input/output, and N/A is not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com