Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9371BBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 15Page - Analog Devices AD9371BBCZ Datasheet HTML 16Page - Analog Devices AD9371BBCZ Datasheet HTML 17Page - Analog Devices AD9371BBCZ Datasheet HTML 18Page - Analog Devices AD9371BBCZ Datasheet HTML 19Page - Analog Devices AD9371BBCZ Datasheet HTML 20Page - Analog Devices AD9371BBCZ Datasheet HTML 21Page - Analog Devices AD9371BBCZ Datasheet HTML 22Page - Analog Devices AD9371BBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 19 of 60
0
–60
–50
–40
–30
–20
–10
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10
–5
0
RECEIVER INPUT POWER (dBm)
+110°C
+40°C
–40°C
Figure 17. Receiver Error Vector Magnitude (EVM) vs. Receiver Input Power,
900 MHz LO, 20 MHz RF Bandwidth, LTE 20 MHz Uplink Centered at DC,
BTC Active, 30.72 MSPS Sample Rate
–20
–120
–100
–80
–110
–90
–70
–60
–50
–40
–30
300
400
500
600
700
800
900
1000
RECEIVER LO FREQUENCY (MHz)
Figure 18. Rx2 to Rx1 Crosstalk vs. Receiver LO Frequency,
100 MHz RF Bandwidth, CW Tone 3 MHz Offset from LO
30
0
5
10
15
20
25
–50
–45
–40
–35
–30
–25
–20
CLOSE-IN INTERFERER SIGNAL POWER (dBm)
+110°C
+40°C
–40°C
Figure 19. Receiver Noise Figure vs. Close-In Interferer Signal Power,
703 MHz LO, 709 MHz CW Interferer, NF Integrated over 7 MHz to 10 MHz,
20 MHz RF Bandwidth
30
0
5
10
15
20
25
–35
–30
–25
–20
–10
0
–15
–5
5
10
OUT-OF-BAND INTERFERER SIGNAL POWER (dBm)
+110°C
+40°C
–40°C
Figure 20. Receiver Noise Figure vs. Out-of-Band Interferer Signal Power,
703 MHz LO, 901 MHz CW Interferer, NF Integrated Over 7 MHz to 10 MHz,
20 MHz RF Bandwidth
0
–100
–90
–80
–70
–60
–50
–40
–20
–30
–10
0
5
10
15
30
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 21. Transmitter Image vs. RF Attenuation, 20 MHz RF Bandwidth,
900 MHz LO, Transmitter Quadrature Error Correction (QEC) Tracking Run with
Two 20 MHz LTE Downlink Carriers, Then Image Measured with CW 10 MHz
Offset from LO, 3 dB Digital Backoff, 122.88 MSPS Sample Rate
0
–100
–90
–80
–70
–60
–50
–40
–20
–30
–10
–10
–5
0
5
10
DESIRED OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 22. Transmitter Image vs. Desired Offset Frequency,
20 MHz RF Bandwidth, 900 MHz LO, 0 dB RF Attenuation, Transmitter
QEC Tracking Run with Two 20 MHz LTE Downlink Carriers, Then Image
Measured with CW Signal, 3 dB Digital Backoff, 122.88 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com