Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9371BBCZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 20Page - Analog Devices AD9371BBCZ Datasheet HTML 21Page - Analog Devices AD9371BBCZ Datasheet HTML 22Page - Analog Devices AD9371BBCZ Datasheet HTML 23Page - Analog Devices AD9371BBCZ Datasheet HTML 24Page - Analog Devices AD9371BBCZ Datasheet HTML 25Page - Analog Devices AD9371BBCZ Datasheet HTML 26Page - Analog Devices AD9371BBCZ Datasheet HTML 27Page - Analog Devices AD9371BBCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 24 of 60
40
0
5
10
15
20
25
30
35
030
60
90
100
20
50
80
10
40
70
110
f1 OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 47. Observation Receiver IIP3 vs. f1 Offset Frequency, 900 MHz LO,
0 dB Attenuation, 100 MHz RF Bandwidth, f2 = 2f1 + 1 MHz,
122.88 MSPS Sample Rate
5
203550
55
15
30
45
10
25
40
60
INTERMODULATION FREQUENCY (MHz)
+110°C
+40°C
–40°C
40
0
5
10
15
20
25
30
35
Figure 48. Observation Receiver IIP3 vs. Intermodulation Frequency (2f2 − f1),
900 MHz LO, 0 dB Attenuation, 100 MHz RF Bandwidth,
122.88 MSPS Sample Rate
0
–120
–100
–80
–40
–60
–20
0
3
6
9
121518
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 49. Observation Receiver Image vs. Observation Receiver Attenuation,
800 MHz LO, CW Signal 16 MHz Offset, 100 MHz RF Bandwidth, BTC Active,
122.88 MSPS Sample Rate
25
–15
–10
–5
10
0
20
5
15
0
3
6
9
121518
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 50. Observation Receiver Gain vs. Observation Receiver Attenuation,
800 MHz LO, CW Signal 16 MHz Offset, 100 MHz RF Bandwidth,
122.88 MSPS Sample Rate
–40
–120
–110
–100
–90
–80
–70
–60
–50
0
3
6
9
121518
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 51. Observation Receiver DC Offset vs. Observation Receiver
Attenuation, 800 MHz LO, 100 MHz RF Bandwidth,
122.88 MSPS Sample Rate
0
–120
–100
–80
–60
–40
–20
03
69
12
15
18
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 52. Observation Receiver HD2 vs. Observation Receiver Attenuation,
800 MHz LO, CW Signal 16 MHz Offset, −20 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
100 MHz RF Bandwidth, 122.88 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com