Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC992LP5E Datasheet(PDF) 13 Page - Analog Devices

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC992LP5E Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC992LP5E Datasheet HTML 9Page - Analog Devices HMC992LP5E Datasheet HTML 10Page - Analog Devices HMC992LP5E Datasheet HTML 11Page - Analog Devices HMC992LP5E Datasheet HTML 12Page - Analog Devices HMC992LP5E Datasheet HTML 13Page - Analog Devices HMC992LP5E Datasheet HTML 14Page - Analog Devices HMC992LP5E Datasheet HTML 15Page - Analog Devices HMC992LP5E Datasheet HTML 16Page - Analog Devices HMC992LP5E Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
13
HMC992LP5E
v03.1013
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
Evaluation PCB
600-00117-00-3
RFIN1
RFIN2
RFOUT3
RFDETIN
DETOUT
VSET
VCTRL
R1
J7
C11
C14
C15
C24
C25
C5
C13
R10
R13
R15
R2
R3
R8
R9
J1
J2
J3
J4
J5
J6
C3
C4
C6
List of Materials for Evaluation PCB EVAL01-HMC992LP5E[1]
Item
Description
J1-J6
SMA Connector
J7
DC Connector Header
C2-C10, C22, C24
1 nF Capacitor, 0402 Pkg.
C11, C14,C17,C19,
C21,C25
100 pF Capacitor, 0402 Pkg.
C13
33 µF Capacitor, Tantalum
C15-C16, C18, C20,
C27, C29
0.1 µF Capacitor, 0402 Pkg.
C30
1 µF Capacitor, 0603 Pkg.
L1
110 nH Inductor, 0603 Pkg.
L2
820 nH Inductor, 0603 Pkg.
R1-R6, R9-R10,
R13, R18
0 Ohm Resistor, 0402 Pkg.
R8
51 Ohms Resistor, 0402 Pkg.
R11, R15
10 kOhms Resistor, 0402 Pkg.
R14
1 kOhms Resistor, 0402 Pkg.
R25
240 Ohms Resistor, 0402 Pkg.
Item
Description
U1
HMC992LP5E
IF-Automatic Gain Controller
PCB [2]
600-00117-00 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350 or Arlon 25 FR
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com