Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC992LP5E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC992LP5E Datasheet(HTML) 2 Page - Analog Devices

  HMC992LP5E Datasheet HTML 1Page - Analog Devices HMC992LP5E Datasheet HTML 2Page - Analog Devices HMC992LP5E Datasheet HTML 3Page - Analog Devices HMC992LP5E Datasheet HTML 4Page - Analog Devices HMC992LP5E Datasheet HTML 5Page - Analog Devices HMC992LP5E Datasheet HTML 6Page - Analog Devices HMC992LP5E Datasheet HTML 7Page - Analog Devices HMC992LP5E Datasheet HTML 8Page - Analog Devices HMC992LP5E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC992LP5E
v03.1013
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
Parameter
Frequency
Min.
Typ.
Max.
Units
Output Third Order Intercept Point
(Two-Tone Output Power= 0 dBm Each Tone) (VCTRL = 0V)
0.1 GHz
0.3 GHz
0.5 GHz
0.8 GHz
42
44
39
35
dBm
dBm
Output Power for 1dB Compression (VCTRL = 0V)
0.1 GHz
0.3 GHz
0.5 GHz
0.8 GHz
18.5
18.9
19
18.8
dBm
dBm
Noise Figure (VCTRL = 0V)
6
dB
Supply Current (Idd)
215
mA
Power Detector
Typ.
Typ.
Typ.
Units
Input Frequency
100
500
900
MHz
±3 dB Dynamic Range
61
61
62
dB
DETOUT Slope
17.2
17.2
17.1
mV/dB
DETOUT Intercept
-68.1
-68.6
-68.9
dBm
Variation of DETOUT with
Temperature from -40°C to +85°C @20dBm Input
-1.3
-1.2
-1.2
dB
[1] Unless otherwise noted, test conditions: ATTN1 + ATTN2 + AMP1 + AMP2 in cascade.
Electrical Specifications (continued),
T
A = +25° C, 50 Ohm System, Vdd = ATTN1Vdd = ATTN2Vdd = DETVDD = +5V
[1]
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com