Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC992LP5E Datasheet(PDF) 16 Page - Analog Devices

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC992LP5E Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC992LP5E Datasheet HTML 12Page - Analog Devices HMC992LP5E Datasheet HTML 13Page - Analog Devices HMC992LP5E Datasheet HTML 14Page - Analog Devices HMC992LP5E Datasheet HTML 15Page - Analog Devices HMC992LP5E Datasheet HTML 16Page - Analog Devices HMC992LP5E Datasheet HTML 17Page - Analog Devices HMC992LP5E Datasheet HTML 18Page - Analog Devices HMC992LP5E Datasheet HTML 19Page - Analog Devices HMC992LP5E Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
16
HMC992LP5E
v03.1013
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
Figure 2: Pout vs. Pin at 100 MHz, 1 attenuator
-40
-30
-20
-10
0
10
20
-70
-60
-50
-40
-30
-20
-10
0
10
VCTRL=1 V
VCTRL=2 V
VCTRL=3 V
VCTRL=4 V
INPUT POWER (dBm)
HMC992LP5E’s VGA is defined by the value of the gain control voltage applied to the VCTRL pin. Refer to the Figure 2
for the useable input power range at different VCTRL levels.
When VCTRL=1V, the gain of HMC992LP5E’s VGA with 2 attenuators is 39 dB at 100 MHz. The input power required for
1 dB compression point at the output is given by: Pin1dB = Pout1dB – Gain (dB) = 18 – 39 = -21 dB.
When VCTRL=2V, the gain of the HMC992LP5E’s VGA with 2 attenuators is 25 dB at 100 MHz. The input power required
for 1 dB compression point at the output is given by: Pin1dB = Pout1dB – Gain (dB) = 18 – 25 = -7 dB.
Therefore, increasing the VCTRL pin voltage reduces the gain of the HMC992LP5E’s VGA and increases input power
level required for power saturation. When the input signal is weak, the attenuation level of the variable attenuators
should be reduced. When the input signal is large; the attenuation level of the variable attenuators should be increased
to achieve a constant output level.
The gain control performance of the HMC992LP5E at 300 MHz is shown in Figures 3a and 3b. The HMC992LP5E
provides 24 dB of gain control range with a maximum gain of 41.2 dB when it is configured in 1 attenuator + 2 ampli-
fiers mode, and similarly a 48 dB of gain control range with a maximum gain of 39 dB of gain when it is configured in 2
attenuators + 2 amplifiers mode. The HMC992LP5E’s VGA has a very flat linear-in-dB gain control characteristic with a
slope of -18.2 dB/V for the 2 attenuator configuration and -9.1 dB/V for the 1 attenuator configuration. The log-linearity
error of the HMC992LP5 VGA is typically less than ± 1dB over the entire gain control range as shown in Figure 3a and
Figure 3b. The relation between the gain of HMC992LP5E’s VGA and VCTRL pin voltage can be approximated as given
in Equation (1).
Gain (dB) = 52.5 – 9.1 x VCTRL with one attenuator
Equation (1a)
Gain (dB) = 61.0 – 18.2 x VCTRL with two attenuators
Equation (1b)
Figure 3a: Gain & Gain Conformance Error vs. VCTRL at 300 MHz, 1 attenuator + 2 amplifiers configuration.
15
20
25
30
35
40
45
1
1.5
2
2.5
3
3.5
4
Ideal
Gain
-3
-2
-1
0
1
2
3
Error
VCTRL (V)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com