Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC992LP5E Datasheet(PDF) 18 Page - Analog Devices

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC992LP5E Datasheet(HTML) 18 Page - Analog Devices

Back Button HMC992LP5E Datasheet HTML 14Page - Analog Devices HMC992LP5E Datasheet HTML 15Page - Analog Devices HMC992LP5E Datasheet HTML 16Page - Analog Devices HMC992LP5E Datasheet HTML 17Page - Analog Devices HMC992LP5E Datasheet HTML 18Page - Analog Devices HMC992LP5E Datasheet HTML 19Page - Analog Devices HMC992LP5E Datasheet HTML 20Page - Analog Devices HMC992LP5E Datasheet HTML 21Page - Analog Devices HMC992LP5E Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
18
HMC992LP5E
v03.1013
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
AGC Operation
The HMC992LP5E can be configured as an AGC amplifier by using VGA core and the built in log detector. An example
for AGC amplifier configuration of the HMC992LP5E is depicted in below figure.
Figure 5: The HMC992LP5E’s AGC configuration with 2 attenuators.
In AGC amplifier configuration, the input signal is amplified by the HMC992LP5E’s VGA.The output of the HMC992LP5E’s
VGA core is fed back to the input of the HMC992LP5E’s log detector (RFDETIN) through an external coupler or attenu-
ator to drop the maximum and minimum output level of the HMC992LP5E’s VGA to within the dynamic range of the
HMC992LP5E’s log detector. The HMC992LP5E’s log detector produces a voltage at the output of the log detector
(DETOUT) proportional to the output power level of the HMC992LP5E’s VGA. The high impedance output pin DETOUT
is connected to the gain control pin VCTRL of VGA to form the AGC loop. The VSET pin is the constant output power set
point of the AGC amplifier. As a result of negative feedback, the gain of the VGA is automatically adjusted to maintain a
constant signal power level at the output of AGC amplifier. The output signal power level is determined by the AGC set
point VSET, regardless of the input signal variation.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com