Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC992LP5E Datasheet(PDF) 19 Page - Analog Devices

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC992LP5E Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC992LP5E Datasheet HTML 14Page - Analog Devices HMC992LP5E Datasheet HTML 15Page - Analog Devices HMC992LP5E Datasheet HTML 16Page - Analog Devices HMC992LP5E Datasheet HTML 17Page - Analog Devices HMC992LP5E Datasheet HTML 18Page - Analog Devices HMC992LP5E Datasheet HTML 19Page - Analog Devices HMC992LP5E Datasheet HTML 20Page - Analog Devices HMC992LP5E Datasheet HTML 21Page - Analog Devices HMC992LP5E Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
19
HMC992LP5E
v03.1013
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
AGC Set point Interface VSET
In closed loop AGC operation the output power level of the HMC992LP5E is controlled by the VSET pin. An input volt-
age between 0.2V and 1.2V should be applied to the VSET input pin to control the output power level. The VSET vs.
the output power characteristic is shown in Figure 6a and Figure 6b for different input power levels and different coupler
ratios used. The slope of the gain vs. VSET characteristic is 57dB/V and it is independent of the coupler ratio used.
In closed loop operation the HMC992LP5E is able to automatically adjust the RF gain over a gain adjustment range
of up to 46 dB at 100 MHz. The HMC992LP5E’s output dynamic range is a function of both input power level and the
coupler ratio used to close the AGC loop. The combined effect of the input power and coupler ratio on the output power
dynamic range is presented in Figures 6a and 6b.
For high input power levels, the maximum level of output dynamic range is limited by the Psat of the VGA or the high-
est detectable power level by the log detector. To eliminate any limitations that can arise due to highest detectable log
detector, a high enough coupler ratio should be chosen to translate the maximum VGA output power level to a value
lower than the highest detectable log detector power level.
Figure 6a: Output Power vs. VSET over Input Power, 2 attenuators @ 300 MHz.
-40
-30
-20
-10
0
10
20
30
0.2
0.4
0.6
0.8
1
1.2
Input Power = -25 dBm
Input Power = -20 dBm
Input Power = -15 dBm
VSET (V)
20 dB coupler is used
-40
-30
-20
-10
0
10
20
30
0.2
0.4
0.6
0.8
1
1.2
Coupler= -10 dBm
Coupler= -20 dBm
Coupler= -30 dBm
VSET (V)
Input Power = -20 dBm
Figure 6b: Output Power vs. VSET over coupler ratio, 2 attenuators @ 300 MHz.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com