Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7171 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7171
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM7171 Datasheet HTML 1Page - National Semiconductor (TI) LM7171 Datasheet HTML 2Page - National Semiconductor (TI) LM7171 Datasheet HTML 3Page - National Semiconductor (TI) LM7171 Datasheet HTML 4Page - National Semiconductor (TI) LM7171 Datasheet HTML 5Page - National Semiconductor (TI) LM7171 Datasheet HTML 6Page - National Semiconductor (TI) LM7171 Datasheet HTML 7Page - National Semiconductor (TI) LM7171 Datasheet HTML 8Page - National Semiconductor (TI) LM7171 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2.5 kV
Supply Voltage (V
+–V−)
36V
Differential Input Voltage (Note 11)
±10V
Output Short Circuit to Ground
(Note 3)
Continuous
Storage Temperature Range
−65˚C to +150˚C
Maximum Junction Temperature
(Note 4)
150˚C
Operating Ratings (Note 1)
Supply Voltage
5.5V
≤ V
S ≤ 36V
Junction Temperature Range
LM7171AI, LM7171BI
−40˚C
≤ T
J ≤ +85˚C
Thermal Resistance (
θ
JA)
N Package, 8-Pin Molded DIP
108˚C/W
M Package, 8-Pin Surface Mount
172˚C/W
M Package, 16-Pin Surface Mount
95˚C/W
±15V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7171AI
LM7171BI
Units
Limit
Limit
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
0.2
1
3
mV
47
max
TC V
OS
Input Offset Voltage
35
µV/˚C
Average Drift
I
B
Input Bias Current
2.7
10
10
µA
12
12
max
I
OS
Input Offset Current
0.1
4
4
µA
66
max
R
IN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
3.3
R
O
Open Loop Output
15
Ω
Resistance
CMRR
Common Mode
V
CM = ±10V
105
85
75
dB
Rejection Ratio
80
70
min
PSRR
Power Supply
V
S = ±15V to ±5V
90
85
75
dB
Rejection Ratio
80
70
min
V
CM
Input Common-Mode
CMRR > 60 dB
±13.35
V
Voltage Range
A
V
Large Signal Voltage
R
L = 1kΩ
85
80
75
dB
Gain (Note 7)
75
70
min
R
L = 100Ω
81
75
70
dB
70
66
min
V
O
Output Swing
R
L = 1kΩ
13.3
13
13
V
12.7
12.7
min
−13.2
−13
−13
V
−12.7
−12.7
max
R
L = 100Ω
11.8
10.5
10.5
V
9.5
9.5
min
−10.5
−9.5
−9.5
V
−9
−9
max
Output Current
Sourcing, R
L = 100Ω
118
105
105
mA
(Open Loop)
95
95
min
(Note 8)
Sinking, R
L = 100Ω
105
95
95
mA
90
90
max
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com