Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7171 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7171
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM7171 Datasheet HTML 1Page - National Semiconductor (TI) LM7171 Datasheet HTML 2Page - National Semiconductor (TI) LM7171 Datasheet HTML 3Page - National Semiconductor (TI) LM7171 Datasheet HTML 4Page - National Semiconductor (TI) LM7171 Datasheet HTML 5Page - National Semiconductor (TI) LM7171 Datasheet HTML 6Page - National Semiconductor (TI) LM7171 Datasheet HTML 7Page - National Semiconductor (TI) LM7171 Datasheet HTML 8Page - National Semiconductor (TI) LM7171 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM7171
Very High Speed, High Output Current, Voltage
Feedback Amplifier
General Description
The LM7171 is a high speed voltage feedback amplifier that
has the slewing characteristic of a current feedback ampli-
fier; yet it can be used in all traditional voltage feedback am-
plifier configurations. The LM7171 is stable for gains as low
as +2 or −1. It provides a very high slew rate at 4100V/µs
and a wide unity-gain bandwidth of 200 MHz while consum-
ing only 6.5 mA of supply current. It is ideal for video and
high speed signal processing applications such as HDSL
and pulse amplifiers. With 100 mA output current, the
LM7171 can be used for video distribution, as a transformer
driver or as a laser diode driver.
Operation on ±15V power supplies allows for large signal
swings
and
provides
greater
dynamic
range
and
signal-to-noise ratio. The LM7171 offers low SFDR and
THD, ideal for ADC/DAC systems. In addition, the LM7171 is
specified for ±5V operation for portable applications.
The LM7171 is built on National’s advanced VIP™ III (Verti-
cally integrated PNP) complementary bipolar process.
Features
(Typical Unless Otherwise Noted)
n Easy-To-Use Voltage Feedback Topology
n Very High Slew Rate:
4100V/µs
n Wide Unity-Gain Bandwidth:
200 MHz
n −3 dB Frequency @ AV = +2:
220 MHz
n Low Supply Current:
6.5 mA
n High Open Loop Gain:
85 dB
n High Output Current:
100 mA
n Differential Gain and Phase:
0.01%, 0.02˚
n Specified for ±15V and ±5V Operation
Applications
n HDSL and ADSL Drivers
n Multimedia Broadcast Systems
n Professional Video Cameras
n Video Amplifiers
n Copiers/Scanners/Fax
n HDTV Amplifiers
n Pulse Amplifiers and Peak Detectors
n CATV/Fiber Optics Signal Processing
Typical Performance
Connection Diagrams
VIP™ is a trademark of National Semiconductor Corporation.
Large Signal Pulse Response
A
V = +2, VS = ±15V
DS012385-1
8-Pin DIP/SO
DS012385-2
Top View
16-Pin Wide Body SO
DS012385-3
Top View
May 1999
© 1999 National Semiconductor Corporation
DS012385
www.national.com


Similar Part No. - LM7171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7171 TI1-LM7171 Datasheet
1Mb / 33P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AIM TI1-LM7171AIM Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171AIM NSC-LM7171AIM Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171AIM/NOPB TI1-LM7171AIM/NOPB Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171AIMNOPB NSC-LM7171AIMNOPB Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
More results

Similar Description - LM7171

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM7171QML NSC-LM7171QML Datasheet
812Kb / 24P
Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171AIM TI1-LM7171AIM Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171 NSC-LM7171_14 Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP NSC-LM7171QML-SP_14 Datasheet
1Mb / 31P
LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171 TI1-LM7171 Datasheet
1Mb / 33P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP TI1-LM7171QML-SP Datasheet
1Mb / 31P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML TI1-LM7171QML_17 Datasheet
1Mb / 31P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML TI-LM7171QML_V01 Datasheet
1Mb / 31P
LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
LM7171QML TI-LM7171QML_V02 Datasheet
1Mb / 34P
LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com