Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7171 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7171
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM7171 Datasheet HTML 8Page - National Semiconductor (TI) LM7171 Datasheet HTML 9Page - National Semiconductor (TI) LM7171 Datasheet HTML 10Page - National Semiconductor (TI) LM7171 Datasheet HTML 11Page - National Semiconductor (TI) LM7171 Datasheet HTML 12Page - National Semiconductor (TI) LM7171 Datasheet HTML 13Page - National Semiconductor (TI) LM7171 Datasheet HTML 14Page - National Semiconductor (TI) LM7171 Datasheet HTML 15Page - National Semiconductor (TI) LM7171 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Typical Performance Characteristics unless otherwise noted, T
A= 25˚C (Continued)
Note 13: The THD measurement at low frequency is limited by the test instrument.
Simplified Schematic Diagram
Application Notes
LM7171 Performance Discussion
The LM7171 is a very high speed, voltage feedback ampli-
fier. It consumes only 6.5 mA supply current while providing
a unity-gain bandwidth of 200 MHz and a slew rate of 4100V/
µs. It also has other great features such as low differential
gain and phase and high output current.
The LM7171 is a true voltage feedback amplifier. Unlike cur-
rent feedback amplifiers (CFAs) with a low inverting input im-
pedance and a high non-inverting input impedance, both in-
puts of voltage feedback amplifiers (VFAs) have high
impedance nodes. The low impedance inverting input in
CFAs and a feedback capacitor create an additional pole
that will lead to instability. As a result, CFAs cannot be used
in traditional op amp circuits such as photodiode amplifiers,
I-to-V converters and integrators where a feedback capacitor
is required.
LM7171 Circuit Operation
The class AB input stage in LM7171 is fully symmetrical and
has a similar slewing characteristic to the current feedback
amplifiers. In the LM7171 Simplified Schematic, Q1 through
Q4 form the equivalent of the current feedback input buffer,
R
E the equivalent of the feedback resistor, and stage A buff-
Harmonic Distortion
vs Frequency
DS012385-74
Harmonic Distortion
vs Frequency
DS012385-75
Maximum Power Dissipation
vs Ambient Temperature
DS012385-20
DS012385-9
Note: M1 and M2 are current mirrors.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com